Electronic Components Datasheet Search
  English  ▼

X  

CT1611 Datasheet(PDF) 22 Page - Aeroflex Circuit Technology

Part # CT1611
Description  DMA Controller with Buffer Memory,MIL-STD-1750A Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1611 Datasheet(HTML) 22 Page - Aeroflex Circuit Technology

Back Button CT1611 Datasheet HTML 16Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 17Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 18Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 19Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 20Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 21Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 22Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 23Page - Aeroflex Circuit Technology CT1611 Datasheet HTML 24Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
SCDCT1611 Rev A
CT1611 – Pinouts vs Function
Pin #
Signal
Pin #
Signal
FP
DIP
FP
DIP
1
1
SSERR
88
90
+5V
2
2
TRANSMIT/RECEIVE
87
89
BUSY
3
3
POLL/DATA
86
88
BITEN /RMDSTB
44
DS
85
87
LSTCMD /CWEN
55
R/W /RDSTB
84
86
HSFAIL
6
6
RDYD
83
85
GBR
7
7
STRBD /WRSTB (OUT)
82
84
H/L
8
8
STRBD /WRSTB (IN)
81
83
STATEN /STATSTB
99
ACK
80
82
RT/BC
10
10
DMA REQ
79
81
DBCACC
11
11
DMA ACK
78
80
TXTO
12
12
DB 0
77
79
SERVREQ
13
13
DB 1
76
78
INCMD
14
14
DB 2
75
77
EOT
15
15
DB 3
74
76
DTRQ
16
16
DB 4
73
75
VECTEN /DWEN
17
17
DB 5
72
74
NBGT
18
18
DB 6
71
73
SYNC
19
19
DB 7
70
72
16/8
20
20
DB 8
69
71
MODE 1/MODE 0
21
21
DB 9
68
70
IUSTB
22
22
DB 10
67
69
DTACK
23
23
DB 11
66
68
BCOP A
24
24
DB 12
65
67
BCOPSTB
25
25
DB 13
64
66
RTADER
26
26
DB 14
63
65
BCOP B
27
27
DB 15
62
64
PARER
28
28
AD 0
61
63
MANER
29
29
AD 1
60
62
LTFAIL
30
30
AD 2
59
61
DMA DATA ACK
31
31
AD 3
58
60
CLOCK IN (6MHZ)
32
32
AD 4
57
59
RTO
33
33
AD 5
56
58
REQBUS B
34
34
AD 6
55
57
REQBUS A
35
35
AD 7
54
56
IHDIR
36
36
AD 8
53
55
IHEN
37
37
AD 9
52
54
IH08
38
38
AD 10
51
53
IH19
39
39
INT 3
50
52
IH210
40
40
INT 1
49
51
IH311
41
41
INT 0
48
50
IH412
42
42
INT 2
47
49
IH513
43
43
MASTER RESET
46
48
IH614
44
44
COMMON/CASE
45
47
IH715
-45
N/C
-46
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com