Electronic Components Datasheet Search
  English  ▼

X  

LTC2633 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2633
Description  Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2633 Datasheet(HTML) 3 Page - Linear Technology

  LTC2633 Datasheet HTML 1Page - Linear Technology LTC2633 Datasheet HTML 2Page - Linear Technology LTC2633 Datasheet HTML 3Page - Linear Technology LTC2633 Datasheet HTML 4Page - Linear Technology LTC2633 Datasheet HTML 5Page - Linear Technology LTC2633 Datasheet HTML 6Page - Linear Technology LTC2633 Datasheet HTML 7Page - Linear Technology LTC2633 Datasheet HTML 8Page - Linear Technology LTC2633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2644
3
2644fa
For more information www.linear.com/LTC2644
LTC2644
C
MS
–L
12
#TR
PBF
LEAD FREE DESIGNATOR
TAPE AND REEL
TR = 2,500-Piece Tape and Reel
RESOLUTION
12 = 12-Bit
10 = 10-Bit
8 = 8-Bit
FULL-SCALE VOLTAGE, INTERNAL REFERENCE MODE
L = 2.5V
PACKAGE TYPE
MS = 12-Lead MSOP
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
proDucT selecTion guiDe
PART NUMBER
PART MARKING*
RESOLUTION
CHANNELS
VFS WITH INTERNAL
REFERENCE
MAXIMUM INL
PACKAGE DESCRIPTION
LTC2644-L12
LTC2644-L10
LTC2644-L8
644L12
644L10
2644L8
12-Bit
10-Bit
8-Bit
2
2
2
2.5V
2.5V
2.5V
±2.5LSB
±1LSB
±0.5LSB
12-Lead Plastic MSOP
12-Lead Plastic MSOP
12-Lead Plastic MSOP
*Temperature grades are identified by a label on the shipping container.
orDer inForMaTion http://www.linear.com/product/LTC2644#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com