Electronic Components Datasheet Search
  English  ▼

X  

LTC2634 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2634
Description  Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634 Datasheet(HTML) 2 Page - Linear Technology

  LTC2634 Datasheet HTML 1Page - Linear Technology LTC2634 Datasheet HTML 2Page - Linear Technology LTC2634 Datasheet HTML 3Page - Linear Technology LTC2634 Datasheet HTML 4Page - Linear Technology LTC2634 Datasheet HTML 5Page - Linear Technology LTC2634 Datasheet HTML 6Page - Linear Technology LTC2634 Datasheet HTML 7Page - Linear Technology LTC2634 Datasheet HTML 8Page - Linear Technology LTC2634 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2664
2
2664fa
For more information www.linear.com/LTC2664
pin conFiguration
aBsolute maximum ratings
Analog Supply Voltage (VCC) ....................... –0.3V to 6V
Digital I/O Voltage (IOVCC)........................... –0.3V to 6V
REFLO....................................................... –0.3V to 0.3V
V+............................................................ –0.3V to 16.5V
V–.. ..........................................................–16.5V to 0.3V
CS/LD, SCK, SDI, LDAC, CLR, TGP .............. –0.3V to 6V
MSP0, MSP1, MSP2 ........–0.3V to Min (VCC + 0.3V, 6V)
VOUT0 to VOUT3, MUXIN0 to MUXIN3,
MUXOUT............... V– – 0.3V to V+ + 0.3V (Max ±16.5V)
REF, REFCOMP ................–0.3V to Min (VCC + 0.3V, 6V)
SDO ............................. –0.3V to Min (IOVCC + 0.3V, 6V)
OVRTMP....................................................... –0.3V to 6V
Operating Temperature Range
LTC2664C................................................ 0°C to 70°C
LTC2664I .............................................–40°C to 85°C
LTC2664H.......................................... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
32
33
31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
UH PACKAGE
32-LEAD (5mm × 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
MSP2
MUXIN0
VOUT0
VOUT1
MUXIN1
DNC
V+
V–
CLR
MUXIN3
VOUT3
VOUT2
MUXIN2
DNC
IOVCC
TGP
TJMAX = 150°C, θJA = 44°C/W
EXPOSED PAD IS V–, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com