Electronic Components Datasheet Search
  English  ▼

X  

LTC2863 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2863
Description  짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2863 Datasheet(HTML) 5 Page - Linear Technology

  LTC2863 Datasheet HTML 1Page - Linear Technology LTC2863 Datasheet HTML 2Page - Linear Technology LTC2863 Datasheet HTML 3Page - Linear Technology LTC2863 Datasheet HTML 4Page - Linear Technology LTC2863 Datasheet HTML 5Page - Linear Technology LTC2863 Datasheet HTML 6Page - Linear Technology LTC2863 Datasheet HTML 7Page - Linear Technology LTC2863 Datasheet HTML 8Page - Linear Technology LTC2863 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC2862A
5
2862af
For more information www.linear.com/LTC2862A
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: Maximum data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150ºC when overtemperature protection is active.
Continuous operation above the specified maximum operating temperature
may result in device degradation or failure.
Note 5: Not tested in production.
swiTchinG characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSHDNDS
Time to Shutdown
RL = 27Ω, CL = 100pF,
RE = High (Figure 5)
l
50
90
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output (LTC2862A-1)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 6)
l
50
65
ns
tPLHRS, tPHLRS Receiver Input to Output (LTC2862A-2)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 6)
l
400
700
ns
tSKEWR
Differential Receiver Skew
|tPLHR – tPHLR| (LTC2862A-1)
CL = 15pF (Figure 6)
l
1
5
ns
tSKEWRS
Differential Receiver Skew
|tPLHRS – tPHLRS| (LTC2862A-2)
CL = 15pF (Figure 6)
l
5
30
ns
tPFSN
Failsafe Enter Delay (LTC2862A-1)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 8)
l
80
110
ns
tPFSNS
Failsafe Enter Delay (LTC2862A-2)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 8)
l
1.5
2.3
µs
tPFSX
Failsafe Exit Delay (LTC2862A-1)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 8)
l
45
60
ns
tPFSXS
Failsafe Exit Delay (LTC2862A-2)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 8)
l
0.7
1.3
µs
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
l
3
6
ns
tZLR, tZHR
Receiver Enable Time
RL = 500Ω, CL = 15pF, DE = High
(Figure 7)
l
18
30
ns
tLZR, tHZR
Receiver Disable Time
RL = 500Ω, CL = 15pF, DE = High
(Figure 7)
l
29
40
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
RL = 500Ω, CL = 15pF, DE = High
(Figure 7)
l
5
10
µs
tSHDNR
Time to Shutdown
RL = 500Ω, CL = 15pF, DE = High
(Figure 7)
l
24
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com