Electronic Components Datasheet Search
  English  ▼

X  

LTC2863 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2863
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2863 Datasheet(HTML) 3 Page - Linear Technology

  LTC2863 Datasheet HTML 1Page - Linear Technology LTC2863 Datasheet HTML 2Page - Linear Technology LTC2863 Datasheet HTML 3Page - Linear Technology LTC2863 Datasheet HTML 4Page - Linear Technology LTC2863 Datasheet HTML 5Page - Linear Technology LTC2863 Datasheet HTML 6Page - Linear Technology LTC2863 Datasheet HTML 7Page - Linear Technology LTC2863 Datasheet HTML 8Page - Linear Technology LTC2863 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2876/LTC2877
3
28767fa
For more information www.linear.com/LTC2876
orDer inForMaTion
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VL = 5V unless otherwise noted.
Lead Free Finish
TUBE
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2876CMS8E#PBF
LTC2876IMS8E#PBF
LTC2876HMS8E#PBF
LTC2876CMS8E#TRPBF
LTC2876IMS8E#TRPBF
LTC2876HMS8E#TRPBF
LTGTN
LTGTN
LTGTN
8-Lead Plastic MSOP
8-Lead Plastic MSOP
8-Lead Plastic MSOP
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
LTC2876CDD#PBF
LTC2876IDD#PBF
LTC2876HDD#PBF
LTC2876CDD#TRPBF
LTC2876IDD#TRPBF
LTC2876HDD#TRPBF
LGTM
LGTM
LGTM
8-Lead Plastic DFN
8-Lead Plastic DFN
8-Lead Plastic DFN
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
LTC2877CMSE#PBF
LTC2877IMSE#PBF
LTC2877HMSE#PBF
LTC2877CMSE#TRPBF
LTC2877IMSE#TRPBF
LTC2877HMSE#TRPBF
LTGTQ
LTGTQ
LTGTQ
10-Lead Plastic MSOP
10-Lead Plastic MSOP
10-Lead Plastic MSOP
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
LTC2877CDD#PBF
LTC2877IDD#PBF
LTC2877HDD#PBF
LTC2877CDD#TRPBF
LTC2877IDD#TRPBF
LTC2877HDD#TRPBF
LGTP
LGTP
LGTP
10-Lead Plastic DFN
10-Lead Plastic DFN
10-Lead Plastic DFN
0°C to 70°C
–40°C to 85°C
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VCC
Primary Power Supply
PROFIBUS, RS485
l
4.5
5.5
V
Low Voltage RS485 (Note 6)
l
3.0
V
VL
Logic Interface Power Supply
LTC2877 Only
l
1.65
VCC
V
ICCS
LTC2876 Supply Current in Shutdown
Mode
DE = 0V, RE = VCC, DI = VCC
l
0
5
µA
DE = 0V, RE = VCC, DI = 0V
l
12
25
µA
LTC2877 Supply Current in Shutdown
Mode
DE = 0V, RE = VL = VCC , DI = 0V or VL
l
0
5
µA
ICCR
Supply Current with Only Receiver
Enabled
No Load, DE = 0V, RE = 0V
l
600
900
µA
ICCD
Supply Current with Only Driver
Enabled
No Load, DE = RE = VCC = VL
l
700
1100
µA
ICCDR
Supply Current with Both Driver and
Receiver Enabled
No Load, DE = VCC = VL, RE = 0V
l
750
1200
µA
LTC2877 Logic Supply Current in
Shutdown Mode
DE = 0V, RE = VL, DI = VL
l
0
5
µA
DE = 0V, RE = VL, DI = 0V
l
12
25
µA
LTC2877 Logic Supply Current with
Both Driver and Receiver Enabled
DE = VL, RE = 0V, DI = VL
l
30
60
µA
DE = VL, RE = 0V, DI = 0V
l
65
120
µA
http://www.linear.com/product/LTC2876#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com