Electronic Components Datasheet Search
  English  ▼

X  

LTC2864 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2864
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2864 Datasheet(HTML) 1 Page - Linear Technology

  LTC2864 Datasheet HTML 1Page - Linear Technology LTC2864 Datasheet HTML 2Page - Linear Technology LTC2864 Datasheet HTML 3Page - Linear Technology LTC2864 Datasheet HTML 4Page - Linear Technology LTC2864 Datasheet HTML 5Page - Linear Technology LTC2864 Datasheet HTML 6Page - Linear Technology LTC2864 Datasheet HTML 7Page - Linear Technology LTC2864 Datasheet HTML 8Page - Linear Technology LTC2864 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2876/LTC2877
1
28767fa
For more information www.linear.com/LTC2876
Typical applicaTion
FeaTures
DescripTion
±60V Rugged PROFIBUS
RS485 Transceivers
The LTC®2876 and LTC2877 are PROFIBUS RS485
transceivers designed to meet the test specifications for
PROFIBUS-DP masters and PROFIBUS-DP slaves, fully
compatible with IEC 61158-2, type 3: medium attachment
unit (MAU). With operation up to 20Mbps, the LTC2876/
LTC2877 supports all PROFIBUS data rates up to 12Mbps.
The LTC2876 and LTC2877 are exceptionally robust, toler-
ating ±60V faults on the bus pins and protected to ±52kV
ESD. These devices are suitable for harsh environments
or where 24V power might be inadvertently connected.
Extended ±25V input common mode range and full fail-
safe operation improve data communication reliability in
noisy systems.
The LTC2876 and LTC2877 meet PROFIBUS and RS485
specifications with a supply voltage of 4.5V to 5.5V but
can operate down to 3V with reduced supply current.
Product Selection Guide
PART NUMBER
LOGIC SUPPLY PIN
PACKAGE
LTC2876
NO
DFN-8, MSOP-8
LTC2877
YES
DFN-10, MSOP-10
applicaTions
n
PROFIBUS IEC 61158-2 Compliant
n
Protected from Overvoltage Line Faults to ±60V
n
±52kV ESD Interface Pins, ±15kV All Other Pins
n
±2kV (Level 4) IEC61000-4-4 Fast Transient Burst
n
±25V Working Common Mode Range
n
20Mbps Maximum Baud Rate
n
1.65V to 5.5V Logic Supply Pin for Flexible Digital
Interfacing (LTC2877)
n
5V Supply Can Operate Down to 3V for Low Power,
Low Swing Applications
n
Fully Balanced Differential Receiver Thresholds with
240mV Hysteresis for Superior Noise Tolerance and
Low Duty Cycle Distortion
n
Receiver Failsafe for Open, Shorted and Terminated
Conditions
n
Wide Operating Temperature Range: –40°C to 125°C
n
Available in Small DFN and MSOP Packages
n
PROFIBUS-DP
n
Industrial Communication Networks
n
RS485 and RS422 Systems
n
3V Low Voltage Differential Signaling
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
1.8V
VCC
VL
GND
DI
RE
RO
DE
PA
PB
0.1µF
LTC2877
SENSOR
390
PB
PA
390
220
5V
5V
PROFIBUS
CABLE
ZO = 150Ω
µC
1µF
390
390
220
B´
A´
28767 TA01a
Eye Diagram of 12Mbps Signal at
the Near and Far End of a 100m
PROFIBUS Cable Driven by the
LTC2877 Using 28–1 PRBS Pattern
20ns/DIV
PB–PA
2V/DIV
B´– A´
2V/DIV
28767 TA01b
NEAR END
FAR END


Similar Part No. - LTC2864

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2864 LINER-LTC2864 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC2864 LINER-LTC2864 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTC2864 LINER-LTC2864 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LTC2864 AD-LTC2864 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2864 AD-LTC2864 Datasheet
999Kb / 24P
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
Rev. A
More results

Similar Description - LTC2864

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321 Datasheet
454Kb / 20P
RS232/EIA562/RS485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
PROFIBUS RS-485 TRANSCEIVERS
logo
List of Unclassifed Man...
IL3585 ETC1-IL3585 Datasheet
327Kb / 8P
PROFIBUS Compatible Isolated RS485 Interface
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
PROFIBUS RS-485 TRANSCEIVERS
logo
Linear Technology
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
RS232/EIA562/RS485 Transceivers
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com