Electronic Components Datasheet Search
  English  ▼

X  

LTC2865 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2865
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2865 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2865 Datasheet HTML 18Page - Linear Technology LTC2865 Datasheet HTML 19Page - Linear Technology LTC2865 Datasheet HTML 20Page - Linear Technology LTC2865 Datasheet HTML 21Page - Linear Technology LTC2865 Datasheet HTML 22Page - Linear Technology LTC2865 Datasheet HTML 23Page - Linear Technology LTC2865 Datasheet HTML 24Page - Linear Technology LTC2865 Datasheet HTML 25Page - Linear Technology LTC2865 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC2876/LTC2877
22
28767fa
For more information www.linear.com/LTC2876
applicaTions inForMaTion
BUS PINS PA & PB NAMING CONVENTION
PROFIBUScommunicateswithRS485signalingthrougha
differential signal interface. These wires are labeled A and
B. The PROFIBUS standard specifies that the bus wire B
takes on a positive value with respect to bus wire A when
no station is transmitting data (during the idle periods).
However, the polarity convention of most RS485 devices
uses the opposite convention. That is, with no transmis-
sion on the bus, the receiver reports a logic value that
would result if A were higher than B—in this case a high
on RO. From a practical standpoint, this means that if a
general RS485 transceiver is connected to a PROFIBUS
network, the transceiver’s A pin must connect to the B
wire and the B pin connect to the A wire. Certainly this
can be confusing!
Since the LTC2876/LTC2877 was designed specifically
for PROFIBUS applications, the pin naming convention
was made to match the PROFIBUS specification. To avoid
confusion with other RS485 transceivers, the prefix “P”
was added, meaning “PROFIBUS.” If driver and receiver
are enabled, a high level on DI, will drive the bus lines so
that PB is higher than PA and the receiver will report a
high level on RO.
In PROFIBUS installations, connect PB to the B wire (red)
and PA to the A wire (green). For non-PROFIBUS RS485
applications,thePBpinshouldbeconnectedtotheAsignal
and PA pin should be connect to the B signal to match the
convention of most other RS485 devices.
PROFIBUS CABLES
It is recommended that PROFIBUS installations use cable
designed for PROFIBUS applications. Typically, Type A
cable and termination is used. This is a shielded twisted
pair with the following properties:
Table 1. PROFIBUS Type-A Cable Properties
PROPERTY
VALUE
Impedance
135Ω to 165Ω
Capacitance
< 30pF/m
Loop Resistance
< 110Ω/km
Conductor Area
≥ 0.34mm2
Color of Sheath (Non-IS)
Violet
Color of Inner Conductor A
Green
Color of Inner Conductor B
Red
The three resistors that make up the termination network
should be placed at both ends of the bus and must be
powered during operation. If there are multiple nodes
communicating on the bus, only the nodes at the ends
should be terminated.
The cable shield helps to improve electromagnetic com-
patibility (EMC). It is recommended to ground both ends
of the shield, through the case of the connector, to the
chassis of the connected station. In applications where
ground potential differences exist between stations, for
example long distance transmission between buildings,
the shield should be grounded only at one end of the cable.
If the potential difference exceeds several volts, galvanic
isolation is recommended at one or more of the con-
nectedstations.Inthiscase,considerusingtheLTM®2892
µModuleisolator(see3500VRMSIsolatedPROFIBUSNode
with Termination on the last page).
If the shield cannot be grounded through the connector
case, pin 1 of the D-sub connector can be used as an
alternative, although the added inductance makes this
sub-optimal. In such a case, it is better to bare the cable
shield at an appropriate point and ground it with a short
cable or clamp to the metallic structure of the station.
Unshielded cable can be used in PROFIBUS installations
if there is no severe electromagnetic interference (EMI).
Do not use cables that are untwisted pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com