Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3375
Description  Power Management Solution for Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3375 Datasheet HTML 18Page - Linear Technology LTC3375 Datasheet HTML 19Page - Linear Technology LTC3375 Datasheet HTML 20Page - Linear Technology LTC3375 Datasheet HTML 21Page - Linear Technology LTC3375 Datasheet HTML 22Page - Linear Technology LTC3375 Datasheet HTML 23Page - Linear Technology LTC3375 Datasheet HTML 24Page - Linear Technology LTC3375 Datasheet HTML 25Page - Linear Technology LTC3375 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTC3676/LTC3676-1
22
3676ff
For more information www.linear.com/LTC3676
Figure 11. Pin-Strapped Power-On Sequence
operaTion
Software Control Mode
Once a power-up sequence is completed, each regulator
may be enabled and disabled individually by the system
as needed for power management requirements by using
the command register bit CNTRL[5]. When CNTRL[5] is
set high the regulators ignore the state of their enable pins
and respond only to I2C command register bit settings.
The software control mode bit is reset in the one second
standby and hard reset timer states so a pin strapped
sequence begins at the next LTC3676 power on.
Keep Alive Operation
Each regulator has a dedicated command register keep
alive bit that, when set, forces a regulator to be enabled
regardless of the enable pins, command register enable
WAKE
VB1
VB2
VB3
VB4
VL2
VL3
VL4
0.4V
0.4V
450µs
1.2V
1.8V
2.5V
1.2V
1.2V
1.8V
2.8V
3676 F11
450µs
450µs
bits, or the operating state of the LTC3676. A hard reset
or fault shutdown resets the keep alive bits.
POWER OFF SEQUENCING
Sequence down command registers SQD1 and SQD2
are used to set the time, relative to WAKE falling, that a
regulator is disabled either by lowering PWR_ON, or a
fault induced shutdown. Table 10 shows register settings
for SQD1 and SQD2.
Table 10.Sequence Down Control Command Register Settings
COMMAND
REGISTER[BIT]
VALUE SETTING
SQD1[1:0]
00*
01
10
11
Disable Buck1 at Falling WAKE
Disable Buck1 at Falling WAKE + 100ms
Disable Buck1 at Falling WAKE + 200ms
Disable Buck1 at Falling WAKE + 300ms
SQD1[3:2]
00*
01
10
11
Disable Buck2 at Falling WAKE
Disable Buck2 at Falling WAKE + 100ms
Disable Buck2 at Falling WAKE + 200ms
Disable Buck2 at Falling WAKE + 300ms
SQD1[5:4]
00*
01
10
11
Disable Buck3 at Falling WAKE
Disable Buck3 at Falling WAKE + 100ms
Disable Buck3 at Falling WAKE + 200ms
Disable Buck3 at Falling WAKE + 300ms
SQD1[7:6]
00*
01
10
11
Disable Buck4 at Falling WAKE
Disable Buck4 at Falling WAKE + 100ms
Disable Buck4 at Falling WAKE + 200ms
Disable Buck4 at Falling WAKE + 300ms
SQD2[1:0]
00*
01
10
11
Disable LDO2 at Falling WAKE
Disable LDO2 at Falling WAKE + 100ms
Disable LDO2 at Falling WAKE + 200ms
Disable LDO2 at Falling WAKE + 300ms
SQD2[3:2]
00*
01
10
11
Disable LDO3 at Falling WAKE
Disable LDO3 at Falling WAKE + 100ms
Disable LDO3 at Falling WAKE + 200ms
Disable LDO3 at Falling WAKE + 300ms
SQD2[5:4]
00*
01
10
11
Disable LDO4 at Falling WAKE
Disable LDO4 at Falling WAKE + 100ms
Disable LDO4 at Falling WAKE + 200ms
Disable LDO3 at Falling WAKE + 300ms
*denotes default power-on value.
Figure 12 shows an example of a shutdown sequence. In
this example, the bits in command registers SQD1 and
SQD2 are set so that LDO2, LDO3, and LDO4 shut off at
the same time as WAKE. Buck2 and Buck4 shut off 100ms
after WAKE. Buck3 shuts off 200ms after wake and Buck1
shuts off 300ms after WAKE.
Figure 10. Pin-Strapped Power-On Sequence Application
LTC3676
VIN
PWR_ON
3676 F10
VB1 = 1.2V
VB2 = 1.8V
VB3 = 2.5V
VB4 = 1.2V
VL2 = 1.2V
VL3 = 1.8V
VL4 = 2.8V
WAKE
SW1
SW2
SW3
SW4
LDO2
LDO3
LDO4
EN_B1
EN_B2
EN_B3
EN_B4
EN_L2
EN_L3
EN_L4
ON
PWR_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com