Electronic Components Datasheet Search
  English  ▼

X  

LTC4050 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4050
Description  Lithium-Ion Linear Battery Charger with Thermistor Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4050 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4050 Datasheet HTML 4Page - Linear Technology LTC4050 Datasheet HTML 5Page - Linear Technology LTC4050 Datasheet HTML 6Page - Linear Technology LTC4050 Datasheet HTML 7Page - Linear Technology LTC4050 Datasheet HTML 8Page - Linear Technology LTC4050 Datasheet HTML 9Page - Linear Technology LTC4050 Datasheet HTML 10Page - Linear Technology LTC4050 Datasheet HTML 11Page - Linear Technology LTC4050 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC4050
4050f
APPLICATIONS INFORMATION
Figure 1. Microprocessor Interface
Charger Conditions
The charger is off when any of the following conditions exist:
the voltage at the VCC pin is below 4V, the voltage at the VCC
pin is greater than 4V but is less than 54mV above VBAT,
the PROG pin is floating, the timer has timed out or the
thermistor temperature is outside the acceptable range. In
this condition, the DRV pin is pulled to VCC and the internal
resistor divider is disconnected to reduce the current drain
on the battery.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VCC
rises above the undervoltage lockout threshold of 4V. To
prevent oscillation around VCC = 4V, the UVLO circuit has
built-in hysteresis.
Trickle Charge and Defective Battery Detection
At the beginning of the charging sequence, if the battery
voltage is low (below 2.49V), the charger goes into trickle
mode. In this mode, the charge current is reduced to 10%
of the full-scale current. If the low cell voltage persists for
one quarter of the total charge time, the battery is consid-
ered defective, the charge cycle is terminated and the
CHRG pin output becomes high impedance.
Shutdown
The LTC4050 can be forced into shutdown by floating the
PROG pin and allowing the internal 2.3
µA current source
to pull the pin above the 3.6V shutdown threshold voltage.
In shutdown, the DRV pin is pulled up to VCC, turning off
the external P-channel MOSFET and resetting the internal
timer.
Programming Charge Current
The formula for the battery charge current (see Block
Diagram) is:
IBAT = (IPROG)(800Ω/RSENSE)
= (2.47V/RPROG)(800Ω/RSENSE) or
RPROG = (2.47V/IBAT)(800Ω/RSENSE)
where RPROG is the total resistance from the PROG pin to
ground.
For example, if 0.5A charge current is needed, select a
value for RSENSE that will drop 100mV at the maximum
charge current. RSENSE = 0.1V/0.5A = 0.2Ω, then calculate:
RPROG = (2.47V/500mA)(800Ω/0.2Ω) = 19.76k
For best stability over temperature and time, 1% resistors
are recommended. The closest 1% resistor value is 19.6k.
Programming the Timer
The programmable timer terminates the charge cycle.
Typically when charging at a 1C rate, a discharged Li-Ion
battery will become fully charged in 3 hours. For lower
charge current rates, extend the time accordingly. The
length of the timer is programmed by an external capaci-
tor at the TIMER pin. The total charge time is:
Time (Hours) = (3 Hours) • (CTIMER/0.1µF) or
CTIMER = 0.1µF • Time (Hours)/3 Hours
The timer starts when an input voltage greater than 4V is
applied and the program resistor is connected to ground.
After a time-out occurs, the CHRG output will go high
impedance to indicate that charging has stopped. To dis-
able the timer function, short the TIMER pin to GND.
2k
400k
CHRG
4050 F01
VCC
LTC4050
V +
OUT
µPROCESSOR
IN
3
8
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com