Electronic Components Datasheet Search
  English  ▼

X  

LT1468 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1468
Description  16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1468 Datasheet HTML 5Page - Linear Technology LT1468 Datasheet HTML 6Page - Linear Technology LT1468 Datasheet HTML 7Page - Linear Technology LT1468 Datasheet HTML 8Page - Linear Technology LT1468 Datasheet HTML 9Page - Linear Technology LT1468 Datasheet HTML 10Page - Linear Technology LT1468 Datasheet HTML 11Page - Linear Technology LT1468 Datasheet HTML 12Page - Linear Technology LT1468 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC2326-16
9
232616fa
For more information www.linear.com/LTC2326-16
pin FuncTions
VDDLBYP (Pin 1): 2.5V Supply Bypass Pin. The voltage
on this pin is generated via an onboard regulator off of
VDD. This pin must be bypassed with a 2.2μF ceramic
capacitor to GND.
VDD(Pin2):5VPowerSupply.TherangeofVDDis4.75Vto
5.25V. Bypass VDD to GND with a 10µF ceramic capacitor.
GND (Pins 3, 6 and 16): Ground.
IN+ (Pin 4): Analog Input. IN+ operates differential with
respect to IN– with an IN+-IN– range of –2.5 • VREFBUF to
2.5 • VREFBUF.
IN– (Pin 5): Analog Ground Sense. IN– has an input range
of ±500mV with respect to GND and must be tied to the
ground plane or a remote sense.
REFBUF (Pin 7): Reference Buffer Output. An onboard
buffer nominally outputs 4.096V to this pin. This pin is
referred to GND and should be decoupled closely to the
pin with a 47μF ceramic capacitor. The internal buffer
driving this pin may be disabled by grounding its input
at REFIN. Once the buffer is disabled, an external refer-
ence may overdrive this pin in the range of 2.5V to 5V. A
resistive load greater than 500kΩ can be placed on the
reference buffer output.
REFIN (Pin 8): Reference Output/Reference Buffer Input.
An onboard bandgap reference nominally outputs 2.048V
at this pin. Bypass this pin with a 100nF ceramic capacitor
to GND to limit the reference output noise. If more accu-
racy is desired, this pin may be overdriven by an external
reference in the range of 1.25V to 2.4V.
CNV (Pin 9): Convert Input. A rising edge on this input
powers up the part and initiates a new conversion. Logic
levels are determined by OVDD.
CHAIN (Pin 10): Chain Mode Selector Pin. When low,
the LTC2326-16 operates in normal mode and the
RDL/SDI input pin functions to enable or disable SDO.
Whenhigh,theLTC2326-16operatesinchainmodeandthe
RDL/SDI pin functions as SDI, the daisy-chain serial data
input. Logic levels are determined by OVDD.
BUSY (Pin 11): BUSY Indicator. Goes high at the start of
a new conversion and returns low when the conversion
has finished. Logic levels are determined by OVDD.
RDL/SDI (Pin 12): When CHAIN is low, the part is in nor-
mal mode and the pin is treated as a bus enabling input.
When CHAIN is high, the part is in chain mode and the
pin is treated as a serial data input pin where data from
another ADC in the daisy chain is input. Logic levels are
determined by OVDD.
SCK(Pin13):SerialDataClockInput.WhenSDOisenabled,
the conversion result or daisy-chain data from another
ADC is shifted out on the rising edges of this clock MSB
first. Logic levels are determined by OVDD.
SDO (Pin 14): Serial Data Output. The conversion result or
daisy-chain data is output on this pin on each rising edge
of SCK MSB first. The output data is in 2’s complement
format. Logic levels are determined by OVDD.
OVDD (Pin 15): I/O Interface Digital Power. The range of
OVDD is 1.71V to 5.25V. This supply is nominally set to
the same supply as the host interface (1.8V, 2.5V, 3.3V,
or 5V). Bypass OVDD to GND with a 0.1μF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com