Electronic Components Datasheet Search
  English  ▼

X  

LTC3589 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3589
Description  Power Management Solution for Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 30Page - Linear Technology LTC3589 Datasheet HTML 31Page - Linear Technology LTC3589 Datasheet HTML 32Page - Linear Technology LTC3589 Datasheet HTML 33Page - Linear Technology LTC3589 Datasheet HTML 34Page - Linear Technology LTC3589 Datasheet HTML 35Page - Linear Technology LTC3589 Datasheet HTML 36Page - Linear Technology LTC3589 Datasheet HTML 37Page - Linear Technology LTC3589 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
LTC3676/LTC3676-1
36
3676ff
For more information www.linear.com/LTC3676
package DescripTion
Please refer to http://www.linear.com/product/LTC3676#packaging for the most recent package drawings.
LXE48 (AA) LQFP 0416 REV A
0° – 7°
11° – 13°
0.45 – 0.75
1.00 REF
11° – 13°
1
48
1.60
MAX
1.35 – 1.45
0.05 – 0.15
0.09 – 0.20 0.50
BSC
0.17 – 0.27
GAUGE PLANE
0.25
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS OF PACKAGE DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.25mm (10 MILS) BETWEEN THE LEADS AND ON ANY
SIDE OF EXPOSED PAD, MAX 0.50mm (20 MILS) AT CORNER OF EXPOSED
PAD, IF PRESENT
3. PIN-1 INDENTIFIER IS A MOLDED INDENTATION, 0.50mm DIAMETER
4. DRAWING IS NOT TO SCALE
R0.08 – 0.20
7.15 – 7.25
5.50 REF
1
36
25
12
5.50 REF
7.15 – 7.25
48
13
24
37
C0.30
PACKAGE OUTLINE
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
BOTTOM OF PACKAGE—EXPOSED PAD (SHADED AREA)
SIDE VIEW
SECTION A – A
0.50 BSC
0.20 – 0.30
1.30 MIN
9.00 BSC
A
A
7.00 BSC
1
12
7.00 BSC
4.15 ±0.10
4.15 ±0.10
9.00 BSC
48
37
13
24
37
13
24
36
36
25
25
SEE NOTE: 3
C0.30 – 0.50
4.15 ±0.05
4.15 ±0.05
C0.30
LXE Package
48-Lead Plastic Exposed Pad LQFP (7mm
× 7mm)
(Reference LTC DWG #05-08-1927 Rev A)
Exposed Pad Variation AA
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com