Electronic Components Datasheet Search
  English  ▼

X  

LTC2668 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2668
Description  Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2668 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2668 Datasheet HTML 32Page - Linear Technology LTC2668 Datasheet HTML 33Page - Linear Technology LTC2668 Datasheet HTML 34Page - Linear Technology LTC2668 Datasheet HTML 35Page - Linear Technology LTC2668 Datasheet HTML 36Page - Linear Technology LTC2668 Datasheet HTML 37Page - Linear Technology LTC2668 Datasheet HTML 38Page - Linear Technology LTC2668 Datasheet HTML 39Page - Linear Technology LTC2668 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC2345-16
40
234516f
For more information www.linear.com/LTC2345-16
LINEAR TECHNOLOGY CORPORATION 2016
LT 0216 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC2345-16
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2345-18
18-Bit, 200ksps, 8-Channel Simultaneous
Sampling, ±5LSB INL, Serial ADC
5V Supply, SoftSpan Inputs with Wide Common Mode Range, 91.8dB SNR,
Serial CMOS and LVDS I/O, 7mm × 7mm QFN-48 Package
LTC2348-18/LTC2348-16 18-/16-Bit, 200ksps, 8-Channel Simultaneous
Sampling, ±3/±1LSB INL, Serial ADC
±10.24V SoftSpan Inputs with Wide Common Mode Range, 97/94dB SNR,
Serial CMOS and LVDS I/O, 7mm × 7mm LQFP-48 Package
LTC2378-20/LTC2377-20/
LTC2376-20
20-Bit, 1Msps/500ksps/250ksps,
±0.5ppm INL Serial, Low Power ADC
2.5V Supply, ±5V Fully Differential Input, 104dB SNR, MSOP-16 and
4mm × 3mm DFN-16 Packages
LTC2338-18/LTC2337-18/
LTC2336-18
18-Bit, 1Msps/500ksps/250ksps, Serial,
Low Power ADC
5V Supply, ±10.24V Fully Differential Input, 100dB SNR, MSOP-16 Package
LTC2328-18/LTC2327-18/
LTC2326-18
18-Bit, 1Msps/500ksps/250ksps, Serial,
Low Power ADC
5V Supply, ±10.24V Pseudo-Differential Input, 95dB SNR,
MSOP-16 Package
LTC2373-18/LTC2372-18 18-Bit, 1Msps/500ksps, 8-Channel, Serial ADC
5V Supply, 8 Channel Multiplexed, Configurable Input Range, 100dB SNR,
DGC, 5mm × 5mm QFN-32 Package
LTC2379-18/LTC2378-18/
LTC2377-18/LTC2376-18
18-Bit,1.6Msps/1Msps/500ksps/250ksps, Serial,
Low Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range, DGC, Pin
Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2380-16/LTC2378-16/
LTC2377-16/LTC2376-16
16-Bit, 2Msps/1Msps/500ksps/250ksps, Serial,
Low Power ADC
2.5V Supply, Differential Input, 96.2dB SNR, ±5V Input Range, DGC, Pin
Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2389-18/LTC2389-16 18-Bit/16-Bit, 2.5Msps, Parallel/Serial ADC
5V Supply, Pin-Configurable Input Range, 99.8dB/96dB SNR, Parallel or
Serial I/O 7mm × 7mm LQFP-48 and QFN-48 Packages
LTC1859/LTC1858/
LTC1857
16-/14-/12-Bit, 8-Channel, 100ksps, Serial ADC ±10V, SoftSpan, Single-Ended or Differential Inputs, Single 5V Supply,
SSOP-28 Package
LTC1606/LTC1605
16-Bit, 250ksps/100ksps, Parallel ADC
±10V Input, 5V Supply, 75mW/55mW, SSOP-28 and SO-28 Packages
DACs
LTC2756/LTC2757
18-Bit, Serial/Parallel IOUT SoftSpan DAC
±1LSB INL/DNL, Software-Selectable Ranges,
SSOP-28/7mm × 7mm LQFP-48 Package
LTC2668
16-Channel 16-/12-Bit ±10V VOUT SoftSpan DACs ±4LSB INL, Precision Reference 10ppm/°C Max, 6mm × 6mm QFN-40 Package
References
LTC6655
Precision Low Drift Low Noise Buffered Reference 5V/2.5V/2.048V/1.25V, 2ppm/°C, 0.25ppm Peak-to-Peak Noise, MSOP-8 Package
LTC6652
Precision Low Drift Low Noise Buffered Reference 5V/2.5V/2.048V/1.25V, 5ppm/°C, 2.1ppm Peak-to-Peak Noise, MSOP-8 Package
Amplifiers
LT6236/LT6237/LT6238
Single/Dual/Quad Operational Amplifier with
Low Wideband Noise
215MHz, 3.5mA/Amplifier, 1.1nV/√Hz
LT6233/LT6234/LT6235
Single/Dual/Quad Low Noise Rail-to-Rail Output
Op Amps
60MHz,1.2mA,1.2nV/√Hz,15V/μs,0.5mV
LTC6252/LTC6253/
LTC6254
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O
Op Amp
720MHz GBW, Unity Gain Stable, Low Noise
Sense Current from Rail with Amplification
5V
LTC2345-16
234516 TA02
ONLY CHANNEL 0 SHOWN FOR CLARITY
0.1µF
47µF
IN0+
IN0–
VDD
REFIN
REFBUF
LTC6252
ILOAD
5V
2.49k
274
1
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com