Electronic Components Datasheet Search
  English  ▼

X  

LT1355 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1355
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 1 Page - Linear Technology

  LT1355 Datasheet HTML 1Page - Linear Technology LT1355 Datasheet HTML 2Page - Linear Technology LT1355 Datasheet HTML 3Page - Linear Technology LT1355 Datasheet HTML 4Page - Linear Technology LT1355 Datasheet HTML 5Page - Linear Technology LT1355 Datasheet HTML 6Page - Linear Technology LT1355 Datasheet HTML 7Page - Linear Technology LT1355 Datasheet HTML 8Page - Linear Technology LT1355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC2335-16
1
233516f
For more information www.linear.com/LTC2335-16
Typical applicaTion
FeaTures
DescripTion
16-Bit, 1Msps 8-Channel
Differential ±10.24V Input SoftSpan ADC
with Wide Input Common Mode Range
The LTC®2335-16 is a 16-bit, low noise 8-channel multi-
plexed successive approximation register (SAR) ADC with
differential, wide common mode range inputs. Operating
froma5Vlowvoltagesupply,flexiblehighvoltagesupplies,
andusingtheinternalreferenceandbuffer,thisSoftSpanTM
ADC can be configured on a conversion-by-conversion
basis to accept ±10.24V, 0V to 10.24V, ±5.12V, or 0V to
5.12V signals on any channel. Alternately, the ADC may
be programmed to cycle through a sequence of channels
and ranges without further user intervention.
The wide input common mode range and 118dB CMRR of
the LTC2335-16 analog inputs allow the ADC to directly
digitize a variety of signals, simplifying signal chain de-
sign. This input signal flexibility, combined with ±1LSB
INL, no missing codes at 16 bits, and 94.4dB SNR, makes
the LTC2335-16 an ideal choice for many high voltage
applications requiring wide dynamic range.
The LTC2335-16 supports pin-selectable SPI CMOS (1.8V
to 5V) and LVDS serial interfaces.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 7705765, 7961132, 8319673.
Other Patents pending.
applicaTions
n
1Msps Throughput
n
±1LSB INL (Maximum)
n
Guaranteed 16-Bit, No Missing Codes
n
Differential, Wide Common Mode Range Inputs
n
8-Channel Multiplexer with SoftSpan Input Ranges:
±10.24V, 0V to 10.24V, ±5.12V, 0V to 5.12V
±12.5V, 0V to 12.5V, ±6.25V, 0V to 6.25V
n
94.4dB Single-Conversion SNR (Typical)
n
−109dB THD (Typical) at fIN = 2kHz
n
118dB CMRR, 125dB Active Crosstalk (Typical)
n
Rail-to-Rail Input Overdrive Tolerance
n
Programmable Sequencer with No-Latency Control
n
Guaranteed Operation to 125°C
n
Integrated Reference and Buffer (4.096V)
n
SPI CMOS (1.8V to 5V) and LVDS Serial I/O
n
No Pipeline Delay, No Cycle Latency
n
180mW Power Dissipation (Typical)
n
48-Lead (7mm × 7mm) LQFP Package
n
Programmable Logic Controllers
n
Industrial Process Control
n
Power Line Monitoring
n
Test and Measurement
Integral Nonlinearity vs
Output Code and Channel
0.1µF
2.2µF
0.1µF
0.1µF
1.8V TO 5V
5V
15V
–15V
SAMPLE
CLOCK
233516 TA01a
MUX
VCC
VDD
VDDLBYP OVDD
DIFFERENTIAL INPUTS IN+/IN– WITH
WIDE INPUT COMMON MODE RANGE
+10V
0V
–10V
TRUE BIPOLAR
+10V
0V
–10V
ARBITRARY
+10V
0V
–10V
UNIPOLAR
SDO
SCKO
SCKI
SDI
CS
BUSY
CNV
LVDS/CMOS
PD
IN0+
IN0–
IN7+
IN7–
16-BIT
SAMPLING
ADC
CMOS OR LVDS
I/O INTERFACE
0.1µF
REFIN
47µF
0.1µF
GND
REFBUF
VEE
LTC2335-16
+5V
0V
–5V
FULLY
DIFFERENTIAL
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
ALL CHANNELS
OUTPUT CODE
–32768
–16384
0
16384
32768
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
233516 TA01b


Similar Part No. - LT1355

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1355 LINER-LT1355 Datasheet
272Kb / 16P
Dual and Quad 12MHz, 400V/us Op Amps
logo
Linear Integrated Syste...
LT1355 LINEAR-LT1355 Datasheet
453Kb / 16P
Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1355 LINER-LT1355 Datasheet
681Kb / 16P
Dual and Quad 12MHz, 400V/s Op Amps
LT1355 LINER-LT1355 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LT1355 LINER-LT1355 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1355

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2323-16 LINER-LTC2323-16_15 Datasheet
1Mb / 26P
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2321-16 LINER-LTC2321-16_15 Datasheet
1,012Kb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18_15 Datasheet
3Mb / 42P
Octal, 18-Bit, 200ksps Differential 10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2311-16 LINER-LTC2311-16 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2323-16 LINER-LTC2323-16 Datasheet
1Mb / 26P
Dual, 16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2335-18 LINER-LTC2335-18 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2345-16 LINER-LTC2345-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2345-18 LINER-LTC2345-18 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2348-16 LINER-LTC2348-16 Datasheet
1Mb / 40P
Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2348-18 LINER-LTC2348-18 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com