Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6350
Description  18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 1 Page - Linear Technology

  LT6350 Datasheet HTML 1Page - Linear Technology LT6350 Datasheet HTML 2Page - Linear Technology LT6350 Datasheet HTML 3Page - Linear Technology LT6350 Datasheet HTML 4Page - Linear Technology LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
LTC2373-18
1
237318f
For more information www.linear.com/LTC2373-18
Typical applicaTion
FeaTures
DescripTion
18-Bit, 1Msps, 8-Channel
SAR ADC with 100dB SNR
applicaTions
The LTC®2373-18 is a low noise, high speed, 8-channel
18-bitsuccessiveapproximationregister(SAR)ADC.Oper-
atingfromasingle5Vsupply,theLTC2373-18hasahighly
configurable, low crosstalk 8-channel input multiplexer,
supporting fully differential, pseudo-differential unipolar
and pseudo-differential bipolar analog input ranges. The
LTC2373-18 achieves ±2.75LSB INL (maximum) in all
input ranges, no missing codes at 18-bits and 100dB (fully
differential)/ 95dB (pseudo-differential) SNR (typical).
TheLTC2373-18hasanonboardlowdrift(20ppm/°Cmax)
2.048V temperature-compensated reference and a single-
shot capable reference buffer. The LTC2373-18 also has a
high speed SPI-compatible serial interface that supports
1.8V, 2.5V, 3.3V and 5V logic through which a sequencer
with a depth of 16 may be programmed. An internal os-
cillator sets the conversion time, easing external timing
considerations. The LTC2373-18 dissipates only 40mW
and automatically naps between conversions, leading to
reduced power dissipation that scales with the sampling
rate. A sleep mode is also provided to reduce the power
consumption of the LTC2373-18 to 300μW for further
power savings during inactive periods.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 7705765, 7961132, 8319673.
n
1Msps Throughput Rate
n
18-Bit Resolution with No Missing Codes
n
8-Channel Multiplexer with Selectable Input Range
n
Fully Differential (±4.096V)
n
Pseudo-Differential Unipolar (0V to 4.096V)
n
Pseudo-Differential Bipolar (±2.048V)
n
INL: ±2.75LSB (Maximum)
n
SNR: 100dB (Fully Differential)/95dB (Pseudo-
Differential) (Typical) at fIN = 1kHz
n
THD: –110dB (Typical) at fIN = 1kHz
n
Programmable Sequencer
n
Selectable Digital Gain Compression
n
Single 5V Supply with 1.8V to 5V I/O Voltages
n
SPI-Compatible Serial I/O
n
Onboard 2.048V Reference and Reference Buffer
n
No Pipeline Delay, No Cycle Latency
n
Power Dissipation 40mW (Typical)
n
Guaranteed Operation to 125°C
n
32-Lead 5mm × 5mm QFN Package
n
Programmable Logic Controllers
n
Industrial Process Control
n
High Speed Data Acquisition
n
Portable or Compact Instrumentation
n
ATE
Integral Nonlinearity
vs Output Code
SAMPLE
CLOCK
237318 TA01a
10µF
0.1µF
5V
1.8V TO 5V
47µF
1200pF
10
10
1200pF
REFBUF
GND
RESET
RDL
SDO
SCK
SDI
BUSY
CNV
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
LTC2373-18
MUX
VDD
2.2µF
0.1µF
REFIN
VDDLBYP OVDD
18-BIT
SAMPLING ADC
+
–
–
+
4.096V
0V
0V
4.096V
0V
2.048V
4.096V
0V
4.096V
0V
OUTPUT CODE
65536
0
131072
196608
262144
–2.0
1.5
–0.5
0
0.5
–1.0
–1.5
2.0
1.0
2373 TA01b
FULLY DIFFERENTIAL
BIPOLAR
UNIPOLAR


Similar Part No. - LT6350

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350 LINER-LT6350 Datasheet
572Kb / 28P
Low Noise Single-Ended to Differential Converter/ADC Driver
LT6350 LINER-LT6350 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LT6350 LINER-LT6350 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LT6350 LINER-LT6350 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LT6350 LINER-LT6350 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
More results

Similar Description - LT6350

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94db SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2372-18 LINER-LTC2372-18_15 Datasheet
1Mb / 50P
18-Bit, 500ksps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com