Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1357
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology LT1357 Datasheet HTML 10Page - Linear Technology LT1357 Datasheet HTML 11Page - Linear Technology LT1357 Datasheet HTML 12Page - Linear Technology LT1357 Datasheet HTML 13Page - Linear Technology LT1357 Datasheet HTML 14Page - Linear Technology LT1357 Datasheet HTML 15Page - Linear Technology LT1357 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LTC2335-16
12
233516f
For more information www.linear.com/LTC2335-16
Typical perForMance characTerisTics
Internal Reference Output
vs Temperature
Supply Current vs Sampling Rate
Step Response
(Large-Signal Settling)
Step Response
(Fine Settling)
Supply Current vs Temperature
Power-Down Current
vs Temperature
Offset Error
vs Input Common Mode
PSRR vs Frequency
TA = 25°C, VCC = +15V, VEE = –15V, VDD = 5V,
OVDD = 2.5V, Internal Reference and Buffer (VREFBUF  = 4.096V), fSMPL = 1Msps, unless otherwise noted.
IOVDD
IVDD
IVEE
IVCC
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–6
–4
–2
0
2
4
6
8
10
12
14
16
18
233516 G28
IOVDD
IVDD
–IVEE
IVCC
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
0.01
0.1
1
10
100
1000
233516 G29
VCC
OVDD
VEE
VDD
IN+ = IN– = 0V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
50
60
70
80
90
100
110
120
130
140
150
233516 G30
15 UNITS
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
2.045
2.046
2.047
2.048
2.049
2.050
2.051
233516 G32
IOVDD
IVDD
IVEE
IVCC
WITH NAP MODE
tCNVL = 500ns
SAMPLING FREQUENCY (kHz)
0
200
400
600
800
1000
–6
–4
–2
0
2
4
6
8
10
12
14
16
233516 G33
VCC = 38V, VEE = 0V
VCM = 0V to 34V
±10.24V RANGE
VCC = 21.5V, VEE = –16.5V
VCM = –16.5V to 17.5V
INPUT COMMON MODE (V)
–17
0
17
34
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
233516 G31
±10.24V RANGE
IN+ = 249.99984kHz SQUARE WAVE
IN– = 0V
SETTLING TIME (ns)
–100 0 100 200 300 400 500 600 700 800 900
–32768
–24576
–16384
–8192
0
8192
16384
24576
32768
233516 G34
±10.24V RANGE
IN+ = 249.99984kHz
SQUARE WAVE
IN– = 0V
SETTLING TIME (ns)
–100 0 100 200 300 400 500 600 700 800 900
–100
–80
–60
–40
–20
0
20
40
60
80
100
233516 G35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com