Electronic Components Datasheet Search
  English  ▼

X  

LT1358 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1358
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1358 Datasheet HTML 2Page - Linear Technology LT1358 Datasheet HTML 3Page - Linear Technology LT1358 Datasheet HTML 4Page - Linear Technology LT1358 Datasheet HTML 5Page - Linear Technology LT1358 Datasheet HTML 6Page - Linear Technology LT1358 Datasheet HTML 7Page - Linear Technology LT1358 Datasheet HTML 8Page - Linear Technology LT1358 Datasheet HTML 9Page - Linear Technology LT1358 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC2335-16
6
233516f
For more information www.linear.com/LTC2335-16
power requireMenTs
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
0
38
V
VEE
Supply Voltage
l
–16.5
0
V
VCC − VEE Supply Voltage Difference
l
10
38
V
VDD
Supply Voltage
l
4.75
5.00
5.25
V
IVCC
Supply Current
1Msps Sample Rate
Acquisition Mode
Nap Mode
Power Down Mode
l
l
l
l
3.5
3.8
0.7
1
4.3
4.5
0.9
15
mA
mA
mA
μA
IVEE
Supply Current
1Msps Sample Rate
Acquisition Mode
Nap Mode
Power Down Mode
l
l
l
l
–5.1
–4.9
–1.1
–15
–4.0
–4.0
–0.8
–1
mA
mA
mA
μA
CMOS I/O Mode
OVDD
Supply Voltage
l
1.71
5.25
V
IVDD
Supply Current
1Msps Sample Rate
1Msps Sample Rate, VREFBUF = 5V (Note 15)
Acquisition Mode
Nap Mode
Power Down Mode (C-Grade and I-Grade)
Power Down Mode (H-Grade)
l
l
l
l
l
l
12.6
11.3
1.6
1.4
65
65
14.5
13.0
2.1
1.9
175
450
mA
mA
mA
mA
μA
µA
IOVDD
Supply Current
1Msps Sample Rate (CL = 25pF)
Acquisition or Nap Mode
Power Down Mode
l
l
l
2.6
1
1
4.2
20
20
mA
μA
μA
PD
Power Dissipation
1Msps Sample Rate
Acquisition Mode
Nap Mode
Power Down Mode (C-Grade and I-Grade)
Power Down Mode (H-Grade)
l
l
l
l
l
182
125
30
0.36
0.36
224
152
40
1.4
2.8
mW
mW
mW
mW
mW
LVDS I/O Mode
OVDD
Supply Voltage
l
2.375
5.25
V
IVDD
Supply Current
1Msps Sample Rate
1Msps Sample Rate, VREFBUF = 5V (Note 15)
Acquisition Mode
Nap Mode
Power Down Mode (C-Grade and I-Grade)
Power Down Mode (H-Grade)
l
l
l
l
l
l
14.8
13.8
3.2
3.0
65
65
17.1
15.9
3.8
3.7
175
450
mA
mA
mA
mA
μA
µA
IOVDD
Supply Current
1Msps Sample Rate, (RL = 100Ω)
Acquisition or Nap Mode (RL = 100Ω)
Power Down Mode
l
l
l
7
7
1
8.5
8.0
20
mA
mA
μA
PD
Power Dissipation
1Msps Sample Rate
Acquisition Mode
Nap Mode
Power Down Mode (C-Grade and I-Grade)
Power Down Mode (H-Grade)
l
l
l
l
l
204
151
55
0.36
0.36
248
180
69
1.4
2.8
mW
mW
mW
mW
mW
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com