Electronic Components Datasheet Search
  English  ▼

X  

LTC2668 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2668
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2668 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2668 Datasheet HTML 32Page - Linear Technology LTC2668 Datasheet HTML 33Page - Linear Technology LTC2668 Datasheet HTML 34Page - Linear Technology LTC2668 Datasheet HTML 35Page - Linear Technology LTC2668 Datasheet HTML 36Page - Linear Technology LTC2668 Datasheet HTML 37Page - Linear Technology LTC2668 Datasheet HTML 38Page - Linear Technology LTC2668 Datasheet HTML 39Page - Linear Technology LTC2668 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC2358-16
40
Rev A
For more information www.analog.com
www.analog.com
©
ANALOG DEVICES, INC. 2016-2018
D16870-0-5/18(A)
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2358-18
18-Bit, 200ksps/Ch, Buffered 8-Channel
Simultaneous Sampling, ±3.5LSB INL, Serial ADC
±10.24V Buffered SoftSpan Inputs with 30VP-P Common Mode Range,
96.4dB SNR, Serial CMOS and LVDS I/O, 7mm × 7mm LQFP-48 Package
LTC2348-18/LTC2348-16 18-/16-Bit, 200ksps/Ch, 8-Channel Simultaneous
Sampling, ±3LSB/±1LSB INL, Serial ADC
±10.24V SoftSpan Inputs with Wide Common Mode Range, 97dB/94dB
SNR, Serial CMOS and LVDS I/O, 7mm × 7mm LQFP-48 Package
LTC2335-18/LTC2335-16 18-/16-Bit, 1Msps, 8-Channel Multiplexed,
±3LSB/±1LSB INL, Serial ADC
±10.24V SoftSpan Inputs with Wide Common Mode Range, 97dB/94dB
SNR, Serial CMOS and LVDS I/O, 7mm × 7mm LQFP-48 Package
LTC2345-18/LTC2345-16 18-/16-Bit, 200ksps/Ch, 8-Channel Simultaneous
Sampling, ±5LSB/±1.25LSB INL, Serial ADC
±4.096V SoftSpan Inputs with Wide Common Mode Range, 92dB/91dB
SNR, Serial CMOS and LVDS I/O, 7mm × 7mm QFN-48 Package
LTC2378-20/LTC2377-20/
LTC2376-20
20-Bit, 1Msps/500ksps/250ksps,
±0.5ppm INL Serial, Low Power ADC
2.5V Supply, ±5V Fully Differential Input, 104dB SNR, MSOP-16 and
4mm × 3mm DFN-16 Packages
LTC2338-18/LTC2337-18/
LTC2336-18
18-Bit, 1Msps/500ksps/250ksps, Serial,
Low Power ADC
5V Supply, ±10.24V Fully Differential Input, 100dB SNR, MSOP-16 Package
LTC2328-18/LTC2327-18/
LTC2326-18
18-Bit, 1Msps/500ksps/250ksps, Serial,
Low Power ADC
5V Supply, ±10.24V Pseudo-Differential Input, 95dB SNR,
MSOP-16 Package
LTC2373-18/LTC2372-18 18-Bit, 1Msps/500ksps, 8-Channel, Serial ADC
5V Supply, 8 Channel Multiplexed, Configurable Input Range, 100dB SNR,
DGC, 5mm × 5mm QFN-32 Package
LTC2379-18/LTC2378-18/
LTC2377-18/LTC2376-18
18-Bit,1.6Msps/1Msps/500ksps/250ksps, Serial,
Low Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range, DGC, Pin
Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2380-16/LTC2378-16/
LTC2377-16/LTC2376-16
16-Bit, 2Msps/1Msps/500ksps/250ksps, Serial,
Low Power ADC
2.5V Supply, Differential Input, 96.2dB SNR, ±5V Input Range, DGC, Pin
Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2387-18/LTC2387-16 18-/16-Bit, 15Msps SAR ADC
5V Supply, Differential Input, 93.8dB SNR, 5mm × 5mm QFN Package
LTC1859/LTC1858/
LTC1857
16-/14-/12-Bit, 8-Channel, 100ksps, Serial ADC
±10V, SoftSpan, Single-Ended or Differential Inputs, Single 5V Supply,
SSOP-28 Package
DACs
LTC2756/LTC2757
18-Bit, Serial/Parallel IOUT SoftSpan DAC
±1LSB INL/DNL, Software-Selectable Ranges, SSOP-28/7mm × 7mm
LQFP-48 Package
LTC2668
16-Channel 16-/12-Bit ±10V VOUT SoftSpan DACs ±4LSB INL, Precision Reference 10ppm/°C Max, 6mm × 6mm QFN-40 Package
References
LTC6655
Precision Low Drift Low Noise Buffered Reference 5V/2.5V/2.048V/1.25V, 2ppm/°C, 0.25ppm Peak-to-Peak Noise, MSOP-8
Package
LT6657
Precision Low Drift Low Noise Buffered Reference 5V/3V/2.5V, 1.5ppm/°C, 0.5ppm Peak-to-Peak Noise, MSOP-8 Package
Amplifiers
LTC2057/LTC2057HV
High Voltage, Low Noise Zero-Drift Op Amp
Maximum Input Offset: 4.5µV, Supply Voltage Range: 4.75V to 60V
LT6020
Dual, Micropower, 5V/µs, Rail-to-Rail Op Amp
Maximum Input Offset: 30µV, Maximum Supply Current: 100µA/Amplifier
LT1354/LT1355/LT1356
Single/Dual/Quad 1mA, 12MHz, 400V/µs Op Amp Good DC Precision, Stable with All Capacitive Loads
Amplify Differential Signals with Gain of 10
Over a Wide Common Mode Range with Buffered Analog Inputs
–7V
–7V
31V
BUFFERED
ANALOG
INPUTS
31V
LTC2358-16
235816 TA02
ONLY CHANNEL 0 SHOWN FOR CLARITY
24V
0V
ARBITRARY
+
–
0.1µF
0.1µF
0.1µF
47µF
IN0+
IN0–
LTC2057HV
LTC2057HV
VCC
REFIN
REFBUF
VEE
INTERNAL HI-Z BUFFERS
ALLOW OPTIONAL
k PASSIVE FILTERS
GAIN = 10
BW = 10kHz
2.2nF
3.65k
3.65k
549
IN+
IN–
2.49k
2.49k
COMMON MODE
INPUT RANGE
DIFFERENTIAL MODE
INPUT RANGE: ±500mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com