Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1357
Description  Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1357 Datasheet HTML 2Page - Linear Technology LT1357 Datasheet HTML 3Page - Linear Technology LT1357 Datasheet HTML 4Page - Linear Technology LT1357 Datasheet HTML 5Page - Linear Technology LT1357 Datasheet HTML 6Page - Linear Technology LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology LT1357 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LTC2348-16
6
234816fa
For more information www.linear.com/LTC2348-16
aDc TiMing characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSMPL
Maximum Sampling Frequency
8 Channels Enabled
7 Channels Enabled
6 Channels Enabled
5 Channels Enabled
4 Channels Enabled
3 Channels Enabled
2 Channels Enabled
1 Channel Enabled
l
l
l
l
l
l
l
l
200
225
266
300
375
450
625
1000
ksps
ksps
ksps
ksps
ksps
ksps
ksps
ksps
tCYC
Time Between Conversions
8 Channels Enabled, fSMPL = 200ksps
7 Channels Enabled, fSMPL = 225ksps
6 Channels Enabled, fSMPL = 266ksps
5 Channels Enabled, fSMPL = 300ksps
4 Channels Enabled, fSMPL = 375ksps
3 Channels Enabled, fSMPL = 450ksps
2 Channels Enabled, fSMPL = 625ksps
1 Channel Enabled, fSMPL = 1000ksps
l
l
l
l
l
l
l
l
5000
4444
3750
3333
2666
2222
1600
1000
ns
ns
ns
ns
ns
ns
ns
ns
tCONV
Conversion Time
N Channels Enabled, 1 ≤ N ≤ 8
l
450•N
500•N
550•N
ns
tACQ
Acquisition Time
(tACQ = tCYC – tCONV – tBUSYLH)
8 Channels Enabled, fSMPL = 200ksps
7 Channels Enabled, fSMPL = 225ksps
6 Channels Enabled, fSMPL = 266ksps
5 Channels Enabled, fSMPL = 300ksps
4 Channels Enabled, fSMPL = 375ksps
3 Channels Enabled, fSMPL = 450ksps
2 Channels Enabled, fSMPL = 625ksps
1 Channel Enabled, fSMPL = 1000ksps
l
l
l
l
l
l
l
l
570
564
420
553
436
542
470
420
980
924
730
813
646
702
580
480
ns
ns
ns
ns
ns
ns
ns
ns
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOVDD
Supply Current
200ksps Sample Rate, 8 Channels Enabled (CL = 25pF)
Acquisition or Nap Mode
Power Down Mode
l
l
l
1.6
1
1
2.6
20
20
mA
μA
μA
PD
Power Dissipation
200ksps Sample Rate, 8 Channels Enabled
Acquisition Mode
Nap Mode
Power Down Mode (C-Grade and I-Grade)
Power Down Mode (H-Grade)
l
l
l
l
l
140
125
30
0.36
0.36
169
152
40
1.4
2.8
mW
mW
mW
mW
mW
LVDS I/O Mode
OVDD
Supply Voltage
l
2.375
5.25
V
IVDD
Supply Current
200ksps Sample Rate, 8 Channels Enabled
200ksps Sample Rate, 8 Channels Enabled, VREFBUF = 5V (Note 15)
Acquisition Mode
Nap Mode
Power Down Mode (C-Grade and I-Grade)
Power Down Mode (H-Grade)
l
l
l
l
l
l
17.7
16.1
3.2
3.0
65
65
20.4
18.5
3.8
3.7
175
450
mA
mA
mA
mA
μA
µA
IOVDD
Supply Current
200ksps Sample Rate, 8 Channels Enabled (RL = 100Ω)
Acquisition or Nap Mode (RL = 100Ω)
Power Down Mode
l
l
l
7
7
1
8.5
8.0
20
mA
mA
μA
PD
Power Dissipation
200ksps Sample Rate, 8 Channels Enabled
Acquisition Mode
Nap Mode
Power Down Mode (C-Grade and I-Grade)
Power Down Mode (H-Grade)
l
l
l
l
l
166
151
55
0.36
0.36
199
180
69
1.4
2.8
mW
mW
mW
mW
mW
power requireMenTs The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com