Electronic Components Datasheet Search
  English  ▼

X  

LT1357 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1357
Description  Octal, 18-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1357 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1357 Datasheet HTML 7Page - Linear Technology LT1357 Datasheet HTML 8Page - Linear Technology LT1357 Datasheet HTML 9Page - Linear Technology LT1357 Datasheet HTML 10Page - Linear Technology LT1357 Datasheet HTML 11Page - Linear Technology LT1357 Datasheet HTML 12Page - Linear Technology LT1357 Datasheet HTML 13Page - Linear Technology LT1357 Datasheet HTML 14Page - Linear Technology LT1357 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LTC2348-18
11
234818fa
For more information www.linear.com/LTC2348-18
Typical perForMance characTerisTics
SNR, SINAD vs Temperature,
fIN = 2kHz
THD, Harmonics vs Temperature,
fIN = 2kHz
INL, DNL vs Temperature
Positive Full-Scale Error vs
Temperature and Channel
Negative Full-Scale Error vs
Temperature and Channel
Zero-Scale Error vs
Temperature and Channel
SNR, SINAD vs Input Level,
fIN = 2kHz
CMRR vs Input Frequency
and Channel
Crosstalk vs Input Frequency
and Channel
SNR
SINAD
INPUT LEVEL (dBFS)
–40
–30
–20
–10
0
96.0
96.5
97.0
97.5
98.0
fIN = 2kHz
SNR, SINAD vs Input Level,
234818 G19
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
IN+ = IN– = 18VP-P SINE
ALL CHANNELS
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
65.0
75.0
85.0
95.0
105.0
115.0
125.0
135.0
CMRR vs Input Frequency
234818 G20
±10.24V RANGE
CH2
CH1
IN0– = 18VP-P SINE
ALL CHANNELS CONVERTING
IN0+ = 0V
±10.24V RANGE
CH7
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
–135.0
–130.0
–125.0
–120.0
–115.0
–110.0
–105.0
–100.0
–95.0
–90.0
–85.0
–80.0
Crosstalk vs Input Frequency
234818 G21
SNR
SINAD
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
94.0
94.5
95.0
95.5
96.0
96.5
97.0
97.5
98.0
fIN = 2kHz
SNR, SINAD vs Temperature,
234818 G22
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
THD
2ND
3RD
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–125.0
–120.0
–115.0
–110.0
–105.0
–100.0
–95.0
fIN = 2kHz
THD, Harmonics vs Temperature,
234818 G23
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
MAX INL
MIN INL
MAX DNL
MIN DNL
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
INL/DNL vs Temperature
234818 G24
±10.24V RANGE
TRUE BIPOLAR DRIVE (IN– = 0V)
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–0.100
–0.075
–0.050
–0.025
0.000
0.025
0.050
0.075
0.100
vs Temperature
Positive Full–Scale Error
234818 G25
±10.24V RANGE
ALL CHANNELS
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–0.100
–0.075
–0.050
–0.025
0.000
0.025
0.050
0.075
0.100
vs Temperature
Negative Full–Scale Error
234818 G26
±10.24V RANGE
ALL CHANNELS
±10.24V RANGE
ALL CHANNELS
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–5
–4
–3
–2
–1
0
1
2
3
4
5
Zero-Scale Error vs Temperature
234818 G27
TA = 25°C, VCC = +15V, VEE = –15V, VDD = 5V,
OVDD = 2.5V, Internal Reference and Buffer (VREFBUF  = 4.096V), fSMPL = 200ksps, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com