Electronic Components Datasheet Search
  English  ▼

X  

LTC4355 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4355
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355 Datasheet(HTML) 1 Page - Linear Technology

  LTC4355 Datasheet HTML 1Page - Linear Technology LTC4355 Datasheet HTML 2Page - Linear Technology LTC4355 Datasheet HTML 3Page - Linear Technology LTC4355 Datasheet HTML 4Page - Linear Technology LTC4355 Datasheet HTML 5Page - Linear Technology LTC4355 Datasheet HTML 6Page - Linear Technology LTC4355 Datasheet HTML 7Page - Linear Technology LTC4355 Datasheet HTML 8Page - Linear Technology LTC4355 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC4235
1
4235f
For more information www.linear.com/LTC4235
Typical applicaTion
FeaTures
DescripTion
Dual 12V Ideal Diode-OR
and Single Hot Swap Controller
with Current Monitor
The LTC®4235 offers ideal diode-OR and Hot SwapTM
functions for two 12V power rails by controlling external
N-channel MOSFETs. MOSFETs acting as ideal diodes
replace two high power Schottky diodes and the associ-
ated heat sinks, saving power and board area. A Hot Swap
control MOSFET allows a board to be safely inserted and
removed from a live backplane by limiting inrush current.
The supply output is also protected against short-circuit
faults with a foldback current limit and circuit breaker.
The LTC4235 regulates the forward voltage drop across
the MOSFETs to ensure smooth current transfer from one
supply to the other without oscillation. The ideal diodes
turn on quickly to reduce the load voltage droop during
supply switchover. If the input supply fails or is shorted,
a fast turn-off minimizes reverse-current transients.
A current sense amplifier translates the voltage across the
senseresistortoagroundreferencedsignal.TheLTC4235
allows turn-on/off control, and reports fault and power
good status for the supply.
applicaTions
n
Ideal Diode-OR and Inrush Current Control for
Redundant Supplies
n
Low Loss Replacement for Power Schottky Diodes
n
Enables Safe Board Insertion into a Live Backplane
n
9V to 14V Operation
n
Current Monitor Output
n
Controls N-Channel MOSFETs
n
Limits Peak Fault Current in ≤ 1µs
n
Adjustable Current Limit with Foldback
n
Adjustable Current Limit Fault Delay
n
0.5µs Ideal Diode Turn-On and Turn-Off Time
n
Smooth Switchover without Oscillation
n
Fault and Power Good Outputs
n
LTC4235-1: Latch Off After Fault
n
LTC4235-2: Automatic Retry After Fault
n
20-Pin 4mm x 5mm QFN Package
n
Redundant Power Supplies
n
High Availability Systems and Servers
n
Telecom and Network Infrastructure
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and Hot
Swap is a trademark of Linear Technology Corporation. All other trademarks are the property of
their respective owners. Protected by U.S. Patents, including 7920013, 8022679.
Ideal Diode-OR with Hot Swap Application
12V
12V
CPO1
GND
ON
PWRGD
IMON
FAULT
13.7k
CLOAD
12V
7A
2k
INTVCC
D2OFF
IN1 DGATE1
DGATE2
LTC4235
4235 TA01a
SiR158DP
SiR158DP
0.003
HGATE OUT
SENSE+ SENSE–
CPO2
0.1µF
IN2
+
0.1µF
SiR158DP
EN
0.1µF
0.1µF
FTMR
REG
0.1µF
ADC
Smooth Supply Switchover
200ms/DIV
IN1
1V/DIV
IN2
1V/DIV
IIN1
2A/DIV
IIN2
2A/DIV
4235 TA01b
IN1
IN2


Similar Part No. - LTC4355

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
255Kb / 20P
Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC4355 LINER-LTC4355 Datasheet
291Kb / 24P
High Voltage Surge
LTC4355 LINER-LTC4355 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
More results

Similar Description - LTC4355

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4227 LINER-LTC4227_15 Datasheet
695Kb / 22P
Dual Ideal Diode and Single Hot Swap Controller
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4227-1 LINER-LTC4227-1 Datasheet
250Kb / 8P
Dual Ideal Diode and Single Hot Swap Controller
LTC4229 LINER-LTC4229 Datasheet
277Kb / 8P
Single Ideal Diode and Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com