Electronic Components Datasheet Search
  English  ▼

X  

HCM28S Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCM28S
Description  GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCM28S Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCM28S Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCM28S Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCM28S Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCM28S Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCM28S Datasheet HTML 5Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HCM28S(NPN)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE : M28S
FEATURES
High DC Current Gain and Large Current Capability
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbo
Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC
=100μA, IE=0
40
V
Collector-Emitter Breakdown Voltage
VCEO
IC=1mA, IB=0
20
V
Emitter-Base Breakdown Voltage
VEBO
IE
=100μA , IC=0
6
V
Collector Cut-off Current
ICBO
VCB=40V , IE=0
0.25
μA
Emitter Cut-off Current
IEBO
VEB=5V , IC=0
0.1
μA
DC Current Gain
hFE(1)
VCE=1V , IC=1mA
290
hFE(2)
VCE=1V , IC=100mA
300
1000
hFE(3)
VCE=1V , IC=300mA
300
hFE(4)
VCE=1V , IC=500mA
300
Collector-Emitter Saturation Voltage
VCE(sat)
IC=600mA , IB=20mA
0.55
V
Transition Frequency
fT
VCE=10V , IC=50mA f=30MHz
100
MHz
CLASSIFICATION OF hFE
Rank
B
C
D
Range
300-550
500-700
650-1000
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
6
V
Collector Current-Continuous
IC
1000
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Thermal Resistance, junction to Ambient
RӨJA
200
°C /mW
TO-92
1:EMITTER
2:COLLECTOR
3:BASE
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 5


Similar Part No. - HCM28S

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HCM230U HAMMOND-HCM230U Datasheet
71Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCM230UBK1 HAMMOND-HCM230UBK1 Datasheet
47Kb / 1P
Etrie de retenue horizontal
HCM230UBK1 HAMMOND-HCM230UBK1 Datasheet
126Kb / 1P
Horizontal Lacing Strip
11/8/2017
logo
JL World Company Limite...
HCM2505B JLWORLD-HCM2505B Datasheet
78Kb / 1P
Electro-Magnetic Sound Generators
HCM2505B JLWORLD-HCM2505B Datasheet
78Kb / 1P
Value applying Rated Voltage
More results

Similar Description - HCM28S

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com