Electronic Components Datasheet Search
  English  ▼

X  

HCPSA05 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCPSA05
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCPSA05 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCPSA05 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPSA05 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPSA05 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCPSA05 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HCPSA05(NPN)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
1
10
100
0
300
600
900
1200
10
100
10
100
1000
200
400
600
800
1000
0.1
1
10
100
110100
10
100
1000
01
23
45
0
50
100
150
200
250
300
0
25
50
75
100
125
150
0
125
250
375
500
625
750
0.1
1
10
1
10
100
1000
1
10
100
10
100
1000
V
BE
500
=10
I
C
V
BEsat
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
I
C
f
T
——
COMMON EMITTER
V
CE
= 2V
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
I
C
——
COMMON EMITTER
V
CE
=1V
T
a
=100
T
a
=25
500
BASE-EMMITER VOLTAGE
V
BE
(mV)
500
=10
T
a
=100
T
a
=25
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
2.4
mA
2.7
mA
3.0
mA
2.1mA
1.8mA
1.5mA
1.2mA
0.9mA
Static Characteristic
0.6mA
I
B
=0.3mA
COMMON
EMITTER
Ta=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
300
30
2.5
f=1MHz
I
E
=0/I
C
=0
T
a
=25
40
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
0.4
500
COMMON EMITTER
V
CE
=1V
I
C
h
FE
——
T
a
=25
T
a
=100
COLLECTOR CURRENT
I
C
(mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com