Electronic Components Datasheet Search
  English  ▼

X  

HCS9018 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCS9018
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCS9018 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCS9018 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9018 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9018 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9018 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 /
4
HCS9018(NPN)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
110
0.01
0.1
0.1
110
0.4
0.6
0.8
1.0
110
0
40
80
120
160
110
200
400
600
800
1000
1200
1
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
02
46
8
10
0
2
4
6
8
10
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
=10
V
CEsat
——
I
C
T
a
=25
T
a
=100
COLLECTOR CURRENT
I
C
(mA)
0.3
=10
I
C
V
BEsat
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
50
50
COMMON EMITTER
V
CE
=5V
T
a
=25
T
a
=100
I
C
h
FE
——
COLLECTOR CURRENT
I
C
(mA)
50
10
20
3
V
CE
=5V
T
a
=25
20
I
C
f
T
——
COLLECTOR CURRENT
I
C
(mA)
f=1MHz
I
E
=0 / I
C
=0
T
a
=25
V
CB /
V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE
V
(V)
I
C
——
COMMON EMITTER
V
CE
=5V
BASE-EMITTER VOLTAGE
V
BE
(V)
T
a
=100
T
a
=25
V
BE
COMMON
EMITTER
T
a
=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
B
=10uA
Static Characteristic
100uA
90uA
80uA
70uA
60uA
50uA
40uA
30uA
20uA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com