Electronic Components Datasheet Search
  English  ▼

X  

LTH309-08 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTH309-08
Description  NON CONTACT SWITCHING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTH309-08 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTH309-08 Datasheet HTML 1Page - Lite-On Technology Corporation LTH309-08 Datasheet HTML 2Page - Lite-On Technology Corporation LTH309-08 Datasheet HTML 3Page - Lite-On Technology Corporation LTH309-08 Datasheet HTML 4Page - Lite-On Technology Corporation LTH309-08 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LITE-ON
TECHNOLOGY CORPORATION
Property of Lite- O n Only
ABSOLUTE MAXIMUM RATINGS AT TA=25℃
PARAMETER
MAXIMUM RATING
UNIT
INPUT LED
Power Dissipation
75
mW
Peak Forward Current ( 300 pps , 10 μS pulse)
1
A
Continuous Forward Current
50
mA
Reverse Voltage
5
V
OUTPUT PHOTOTRANSISTOR
Power Dissipation
100
mW
Collector-Emitter Voltage
30
V
Emitter-Collector Voltage
5
V
Collector Current
20
mA
Operating Temperature Range
-25℃ to + 85℃
Storage Temperature Range
-55℃ to + 100℃
Lead Soldering Temperature
[ 1.6mm (.063”) Form Case ]
260℃ for 5 Seconds
Part No. : LTH-309-08 DATA SHEET
Page :
2
of
5
BNS-OD-C131/A4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com