Electronic Components Datasheet Search
  English  ▼

X  

HECX591 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HECX591
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HECX591 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HECX591 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HECX591 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HECX591 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HECX591 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 4
HECX591(PNP)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE : FCX591
FEATURES
Power Dissipation
MAXIMUM RATINGS (TA= 25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC=-100uA,IE=0
-80
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-10mA,IB=0
-60
V
Emitter-Base Breakdown Voltage
VEBO
IE=-100uA,IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-60V,IE=0
-0.1
uA
Emitter Cut-off Current
IEBO
VEB=-4V,IC=0
-0.1
uA
Collector- Emitter Cut-off Current
ICES
VCES=-60 V, IE=0
-0.1
uA
DC Current Gain(note)
hFE
(
1)
VCE=-5V,IC=-1mA
100
hFE
(
2)
VCE=-5V,IC=-500mA
100
300
hFE
(
3)
VCE=-5V,IC=-1A
80
hFE
(
4)
VCE=-5V,IC=-2A
15
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA,IB=-50mA
-0.3
V
IC=-1A,IB=-100mA
-0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-1A,IB=-100mA
-1.2
V
Base-Emitter Voltage
VBE
VCE=-5V, IC= -1A
-1
V
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz
10
pF
Transition Frequency
fT
VCE=-10V,IC=-50mA, f=1MHz
150
MHz
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current-Continuous
IC
-1
A
Collector Power Dissipation
PC
0.5
W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-65~150
°C
SOT-89 MARKING:P1
1:BASE 2:COLLECTOR 3:EMITTER


Similar Part No. - HECX591

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HEC COOPER-HEC Datasheet
51Kb / 2P
TRON짢 In-Line Fuseholders
HEC COOPER-HEC Datasheet
51Kb / 2P
Single-Pole for SC Type Fuses
logo
TE Connectivity Ltd
HEC005N00000200000 TEC-HEC005N00000200000 Datasheet
122Kb / 1P
insulation insert Code 1
logo
Hosiden Corporation
HEC0470-01-600AE HOSIDEN-HEC0470-01-600AE Datasheet
210Kb / 5P
HEC0470 POWER JACK
HEC0470-01-630 HOSIDEN-HEC0470-01-630 Datasheet
210Kb / 5P
HEC0470 POWER JACK
More results

Similar Description - HECX591

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com