Electronic Components Datasheet Search
  English  ▼

X  

HETC3205 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HETC3205
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HETC3205 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HETC3205 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HETC3205 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HETC3205 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HETC3205 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HETC3205(NPN)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
0.1
1
10
100
1000
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1000
0.1
1
10
10
100
1
10
100
1000
0
50
100
150
200
250
300
350
400
450
500
0
25
50
75
100
125
150
0.00
0.25
0.50
0.75
0
1
2
3
4
5
6
7
8
0.0
0.5
1.0
1.5
2.0
1
10
100
1000
10
100
200
2000
β=50
T
a=25
℃
T
a=100
℃
500
2000
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=50
I
C
V
BEsat ——
V
CE=2V
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
V
BE
—— I
C
20
2000
f=1MHz
I
E=0 / IC=0
T
a=25
oC
Cob
Cib
V
CB / VEB
C
ob / Cib
——
REVERSE VOLTAGE V (V)
2000
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
T
a=100
oC
V
CE=2V
I
C
h
FE ——
AMBIENT TEMPERATURE Ta ( )
℃
P
c
—— T
a
5.0mA
4.5mA
4.0mA
3.5mA
3.0mA
2.5mA
2.0mA
1.5mA
COMMON
EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1.0mA
I
B=0.5mA
Static Characteristic
COLLECTOR CURRENT I
C
(mA)
V
CEsat ——
I
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com