Electronic Components Datasheet Search
  English  ▼

X  

TLE94003EP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE94003EP
Description  protected triple half-bridge driver designed especially for automotive motion control
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94003EP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE94003EP Datasheet HTML 9Page - Infineon Technologies AG TLE94003EP Datasheet HTML 10Page - Infineon Technologies AG TLE94003EP Datasheet HTML 11Page - Infineon Technologies AG TLE94003EP Datasheet HTML 12Page - Infineon Technologies AG TLE94003EP Datasheet HTML 13Page - Infineon Technologies AG TLE94003EP Datasheet HTML 14Page - Infineon Technologies AG TLE94003EP Datasheet HTML 15Page - Infineon Technologies AG TLE94003EP Datasheet HTML 16Page - Infineon Technologies AG TLE94003EP Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Datasheet
13
1.0
2017-12-07
TLE94003EP
General Product Characteristics
Overcurrent Shutdown filter
time
tdSD_HS
15
19
23
µs
2)
P_4.4.22
Output Protection and Diagnosis of low-side (LS) channels of half-bridge output
LS Overcurrent Shutdown
Threshold
ISD_LS
0.9
1.2
1.5
A
See Figure 8
P_4.4.27
Difference between shutdown
and limit current
ILIM_LS -
ISD_LS
00.6
1.2
A
2) ILIM_LS ≥ ISD_LS
Figure 8
P_4.4.28
Overcurrent Shutdown filter
time
tdSD_LS
15
19
23
µs
2)
P_4.4.29
Outputs OUT(1...n) leakage current
HS leakage current in off state
IQLHn_NOR
-2
-0.5
–
µA
VOUTn = 0V ; OUT1/2:
EN1=GND,
EN2=High; OUT3:
EN1=High,EN2=GN
D
P_4.4.32
HS leakage current in off state
IQLHn_SLE
-2
-0.5
–
µA
VOUTn = 0V; EN1 =
EN2 =GND
P_4.4.33
LS Leakage current in off state IQLLn_NOR
–0.5
2
µA
VOUTn = VS ; OUT1/2:
EN1=GND,
EN2=High; OUT3:
EN1=High,EN2=GN
D
P_4.4.34
LS Leakage current in off state IQLLn_SLE
–0.5
2
µA
VOUTn = VS; EN1 =
EN2 =GND
P_4.4.35
Output Switching Times. See Figure 9 and Figure 10.
Slew rate of high-side and low-
side outputs
dVOUT/ dt
0.1
0.45 0.75
V/µs
Resistive load =
100Ω; VS=13.5V 3)
P_4.4.36
Output delay time high side
driver on
tdONH
520
35
µs
Resistive load =
100Ω to GND
P_4.4.37
Output delay time high side
driver off
tdOFFH
15
45
75
µs
Resistive load =
100Ω to GND
P_4.4.38
Output delay time low side
driver on
tdONL
520
35
µs
Resistive load =
100Ω to VS
P_4.4.39
Output delay time low side
driver off
tdOFFL
15
45
75
µs
Resistive load =
100Ω to VS
P_4.4.40
Cross current protection time,
high to low
tDHL
100
130
160
µs
Resistive load =
100Ω2)
P_4.4.41
Cross current protection time,
low to high
tDLH
100
130
160
µs
Resistive load =
100Ω2)
P_4.4.42
Table 5
Electrical Characteristics, VS =5.5 V to 20 V, VDD = 3.0V to 5.5V, Tj = -40°C to +150°C, EN1= HIGH
and EN2= HIGH, IOUTn= 0 A; Typical values refer to VDD = 5.0 V, VS = 13.5 V and TJ = 25 °C unless
otherwise specified; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified) (cont’d)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com