Electronic Components Datasheet Search
  English  ▼

X  

TLE94104EP Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE94104EP
Description  protected quad half-bridge driver designed especially for automotive motion control
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94104EP Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE94104EP Datasheet HTML 35Page - Infineon Technologies AG TLE94104EP Datasheet HTML 36Page - Infineon Technologies AG TLE94104EP Datasheet HTML 37Page - Infineon Technologies AG TLE94104EP Datasheet HTML 38Page - Infineon Technologies AG TLE94104EP Datasheet HTML 39Page - Infineon Technologies AG TLE94104EP Datasheet HTML 40Page - Infineon Technologies AG TLE94104EP Datasheet HTML 41Page - Infineon Technologies AG TLE94104EP Datasheet HTML 42Page - Infineon Technologies AG TLE94104EP Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Datasheet
39
1.0
2017-12-07
TLE94104EP
Serial Peripheral Interface (SPI)
7.2
SPI with independent slave configuration
In an independent slave configuration, the microcontroller controls the CSN of each slave individually
(Figure 16).
Figure 16 SPI with independent slave configuration
Each SPI communication starts with one address byte followed by one data byte (Figure 17).The LSB of the
data byte must be set to ‘1’.The address bytes specifies:
• the type of operation: READ ONLY (OP bit =0) or READ/ WRITE (OP bit = 1) of the configuration bits, and
READ ONLY (OP bit =0)or READ & CLEAR (OP bit = 1) of the status bits.
• The target register address (A[6:2])
The Last Address Byte Token bit (LABT, Bit1 of the address byte) must be set to 1, as no daisy chain
configuration is used.
While the microcontroller sends the address byte on SDI, SDO shifts out GEF and the Global Status Register.
A further data byte (Bit15...8) is allocated to either configure the half-bridges or retrieve status information of
the TLE94104EP.
Microcontroller
SDI1
TLE941xy_1
SPI
SDO1
SDI2
TLE941xy_2
SPI
SDO2 SDI3
TLE941xy_3
SPI
SDO3
MO
MI
MCLK
MCSN1
MCSN2
MCSN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com