| Electronic Components Datasheet Search |
|
KRTB-HDLP71.32 Datasheet(PDF) 24 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
KRTB-HDLP71.32 Datasheet(HTML) 24 Page - OSRAM GmbH |
|
24 / 28 page ![]() 2017-07-04 24 KRTB HDLP71.32 Trockenverpackung und Materialien Dry Packing Process and Materials Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem Trockenmittel und einer Feuchteindikatorkarte Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten. Note: Moisture-senisitve product is packed in a dry bag containing desiccant and a humidity card. Regarding dry pack you will find further information in the internet and in the Short Form Catalog in chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references like JEDEC. Kartonverpackung und Materialien Transportation Packing and Materials Breite / Width Länge / length Höhe / height 352 ±5352 ±5 33 ±5 OHA00539 Moisture-sensitive label or print Barcode label Desiccant Humidity indicator Barcode label OSR AM M o is tu re Le v e l 3 F lo o r ti me 1 6 8 H o u rs M o is tu re L e ve l 6 F lo or ti m e 6 H o u rs a ) H u m id it y In d ic a to r C a rd i s > 1 0 % w h e n re a d a t 2 3 ˚ C ± 5 ˚C , o r re flo w , v a p o r- ph a se re fl o w , o r e q u iv a le n t p ro ce s si n g (p e a k p a c k a g e 2 . A ft e r th is b a g i s o p en e d , d e vi c e s th a t w ill b e s u b je c te d to in fr a re d 1 . S h e lf life in s e a le d b a g : 2 4 m o n th s a t < 4 0 ˚C a n d < 90 % re la ti v e h u m idi ty (R H ). M o is tu re L e ve l 5 a a t fa c to ry c o n d it io n s o f (i f b la n k , s e a l d a te is id e n ti ca l wi th d a te co d e ). a ) M o u n te d w it h in b ) S to re d a t b od y te m p . 3 . D e v ic e s re q u ir e b a k in g , b e fo re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e v e l 1 M o is tu re L e ve l 2 M o is tu re L e v e l 2 a 4 . If b a k in g is re q u ir e d , b ) 2 a o r 2 b is n o t m e t. D a te a n d ti m e o p e n e d : re fe re n ce I PC /J E D E C J -S T D -0 3 3 fo r b a k e p ro c e d u re . Fl o o r ti m e s e e b e lo w If b la n k, se e ba r c o d e la b e l Fl o o r tim e > 1 Ye a r F lo or ti m e 1 Y e a r F lo o r tim e 4 W e e k s 1 0 % R H . _ < M o is tu re L ev e l 4 M o is tu re L e v e l 5 ˚C ). OP T O S EM IC O ND U C TO R S MOI S T U RE S E N S IT IV E T hi s b ag co n ta in s C A U T IO N F lo o r ti m e 7 2 H o u rs F lo o r ti m e 4 8 H o u rs F lo o r ti m e 2 4 H o u rs 3 0 ˚ C /6 0 % R H. _ < L E V E L If b la n k , s e e b a r c o d e la b e l OHA02044 1 0 1 1 210 021 998 0 2 45 1 0 1 1 210 021 998 0 2 45 Packing Sealing label Barcode label M o is tu re L ev e l 3 Fl o o r tim e 16 8 H o u rs Mo is tu re L e ve l 6 F loo r ti m e 6 H o u rs a ) H u mi di ty I n d ic a to r C a rd is > 1 0 % w h en re a d a t 2 3 ˚C ± 5 ˚C , or re fl o w, v a p o r-ph as e ref lo w , o r e q u iv a le nt pr o c e s s in g (p e a k p a c k a g e 2 . A ft e r thi s b a g is o p e n e d , d e v ice s t h a t w ill b e su b je c te d to inf ra re d 1 . S h e lf lif e i n s e a led b a g : 2 4 m on th s a t < 4 0 ˚C a n d < 9 0 % rel a ti v e h u mi d it y (R H) . M o is tu re L e v e l 5 a a t f a c to ry co n d iti o n s o f (if b la n k , s e a l d a te i s ide n ti c a l w it h d a te co d e) . a ) M o u n ted w ith in b ) S to re d a t b o dy te m p . 3 . D ev ice s re q u ir e b a k in g , b ef o re m o u n ti n g , if : B a g s e a l d a te M o is tu re L e ve l 1 Mo is tu re L e ve l 2 M o is tu re L e ve l 2 a 4. If b a king is re q u ire d , b ) 2 a o r 2 b is n o t me t. D a te a nd ti m e o p e n ed: ref e ren c e IP C /J ED EC J -S TD -0 33 fo r b a k e pr o c e d u re . F lo o r ti m e s e e b e lo w If b la n k , s e e b a r co d e la b e l F loo r tim e > 1 Y e a r F lo o r tim e 1 Ye a r F lo or tim e 4 W e e k s 1 0 % R H . _ < M oi s tu re Le v e l 4 Mo is tu re L e v e l 5 ˚C ). O PT O S E M IC O N D U CT OR S MO IS TUR E S EN S ITI V E T h is ba g co nt ai n s CA U T IO N F loo r ti m e 72 H o u rs F lo o r ti me 4 8 H o u rs F lo or t ime 2 4 H o u rs 3 0 ˚C /6 0 % RH . _ < LE VE L If b la n k , se e b a r c o d e la b e l Barcode label |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |