Electronic Components Datasheet Search
  English  ▼

X  

PLP-200 Datasheet(PDF) 1 Page - Mini-Circuits

Part # PLP-200
Description  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PLP-200 Datasheet(HTML) 1 Page - Mini-Circuits

  PLP-200 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Maximum Ratings
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
Low Pass Filter Electrical Specifications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
0.5W max.
Return Loss
(dB)
Frequency
(MHz)
Group Delay
(nsec)
_
x
σ
Low Pass Filter
REV. B
M151107
PLP-200+
150928
50
Ω
DC to190 MHz
PASSBAND
(MHz)
fco (MHz)
Nom.
STOPBAND
(MHz)
VSWR
(:1)
(loss < 1 dB)
(loss 3 dB)
(loss > 20 dB)
(loss > 40 dB)
Passband
Typ.
Stopband
Typ.
DC-190
210
290-390
390-800
1.7
18
electrical schematic
INSERTION LOSS
0
20
40
60
80
100
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
RETURN LOSS
0
8
16
24
32
40
1
10
100
1000
FREQUENCY(MHz)
at RF level of 0 dBm
GROUP DELAY
0.0
3.0
6.0
9.0
12.0
15.0
0
110
220
330
440
550
FREQUENCY (MHz)
at RF level of 0 dBm
typical frequency response
10.00
0.08
0.1
28.6
10.00
4.18
37.50
0.12
0.1
30.1
37.50
4.31
67.50
0.15
0.1
32.8
67.50
4.38
95.00
0.26
0.1
18.5
95.00
4.78
122.50
0.43
0.1
14.3
122.50
5.09
150.00
0.39
0.1
17.4
150.00
5.75
190.00
0.58
0.1
21.0
190.00
8.30
200.00
0.96
0.2
13.6
195.00
9.07
210.00
2.52
0.7
5.9
200.00
10.18
220.00
6.01
1.1
2.4
205.00
11.13
240.00
15.07
1.3
0.7
210.00
11.42
250.00
19.34
1.3
0.6
220.00
9.61
260.00
23.25
1.4
0.5
235.00
5.78
280.00
30.20
1.5
0.4
240.00
5.00
290.00
33.33
1.5
0.4
245.00
4.34
300.00
36.17
1.5
0.3
250.00
3.63
320.00
41.60
1.8
0.3
260.00
2.95
370.00
53.41
2.3
0.2
280.00
1.79
380.00
55.00
2.8
0.2
290.00
1.54
385.00
56.23
2.7
0.2
300.00
1.21
390.00
57.87
4.0
0.2
310.00
0.88
490.00
71.86
7.9
0.1
320.00
0.15
550.00
72.71
1.6
0.1
340.00
1.77
602.50
74.42
2.5
0.1
370.00
0.31
660.00
77.14
4.3
0.0
380.00
2.76
715.00
72.38
5.7
0.1
385.00
1.86
750.00
73.49
3.5
0.1
390.00
1.94
780.00
73.91
4.7
0.1
490.00
1.92
790.00
80.33
5.3
0.1
517.50
1.91
800.00
77.51
9.6
0.1
550.00
1.81
Applications
• test equipment
• lab use
• transmitters/receivers
• military/hi-rel applications
Features
• rugged welded case, hermetic
• other standard and custom PLP models available with
wide selection of fco
PLP-200+
Plug-In
Pin Connections
INPUT
1
OUTPUT
8
GROUND
2,3,4,5,6,7
CASE GROUND
2,3,4,5,6,7
inch
mm
Outline Drawing
Outline Dimensions (
)
R F IN
R F OUT
40 dB
20 dB
3 dB
1 dB
F R E QUE NC Y / F co
DC
0.9
1
1.35
1.75
3
A
B
C
D
E
F
.770
.800
.385
.400
.370
.400
19.56 20.32
9.78 10.16
9.40 10.16
G
H
J
K
wt
.200
.20
.14
.031
grams
5.08
5.08
3.56
0.79
5.2
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: A01
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - PLP-200

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PLP-200+ MINI-PLP-200+ Datasheet
268Kb / 1P
LOW PASS FILTERS
More results

Similar Description - PLP-200

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com