Electronic Components Datasheet Search
  English  ▼

X  

LA-E6SF Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LA-E6SF
Description  white PLCC-4 package, colorless clear silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-E6SF Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LA-E6SF Datasheet HTML 2Page - OSRAM GmbH LA-E6SF Datasheet HTML 3Page - OSRAM GmbH LA-E6SF Datasheet HTML 4Page - OSRAM GmbH LA-E6SF Datasheet HTML 5Page - OSRAM GmbH LA-E6SF Datasheet HTML 6Page - OSRAM GmbH LA-E6SF Datasheet HTML 7Page - OSRAM GmbH LA-E6SF Datasheet HTML 8Page - OSRAM GmbH LA-E6SF Datasheet HTML 9Page - OSRAM GmbH LA-E6SF Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
2013-10-02
6
Version 1.2
LA E6SF
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: BB-2-3A
Beispiel: BB-2-3A
Brightness
Helligkeit
Wavelength
Wellenlänge
Forward Voltage
Durchlassspannung
BB
2
3A
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com