Electronic Components Datasheet Search
  English  ▼

X  

MP46885 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP46885
Description  80V INPUT 0.5A HIGH POWER LED DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP46885 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP46885 Datasheet HTML 1Page - Monolithic Power Systems MP46885 Datasheet HTML 2Page - Monolithic Power Systems MP46885 Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EV46885DN-00A
80V INPUT 0.5A HIGH POWER LED DRIVER
EV46885DN-00A Rev.1.0
www.MonolithicPower.com
1
12/18/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV46885DN-00A is an evaluation board for
high power LED driver. It is implemented by
MP46885DN, an integrated Buck white LED
driver which is suitable for automotive, industry
and general lighting applications with MPS
patented pending technology.
The EV46885DN-00A is recommended to drive
a single-string LEDs. It can drive up to 19 LEDs
in one string. It regulates the LED current at
about 350mA.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5 to 80
V
Enable/Dimming
EN/DIM
5
V
LED Current
ILED
350
mA
Over Current
Protection
OCP
0.8
A
FEATURES
• Wide 4.5V to 80V Operating Input Range
• No Output Capacitor Required
• ±5% LED Current Accuracy
• Hysteretic Control: No Compensation
• Up to 2MHz Switching Frequency
• Up to 20kHz Dimming Frequency
• Dedicated PWM Dimming Control Input
• Short circuit protection with integrated high
side MOSFET
• Optional Output Voltage Limitation
• Thermal shut down
• 200mV reference voltage for high efficiency
• Up to 95% Efficiency
• 120μA Quiescent Current
• Available in SOIC8 with Exposed Pad
Packages
APPLICATIONS
• High Power LED Driver
• Automotive, Industry and General Lighting
• Constant Current Source
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV46885DN-00A EVALUATION BOARD
Components area: 0.66” x 1.17” (1.7cm x 3cm)
Board Number
MPS IC Number
EV46885DN-00A
MP46885


Similar Part No. - MP46885

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP46885 MPS-MP46885 Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
MP46885DN MPS-MP46885DN Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
More results

Similar Description - MP46885

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
Power Transistor (80V, 0.5A)
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
80V, 0.5A Three Phase Driver
1999 05
logo
Rohm
2SB1198K ROHM-2SB1198K_1 Datasheet
104Kb / 4P
Low-frequency Transistor (-80V, -0.5A)
logo
Intersil Corporation
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
80V, 0.5A Three Phase Driver
July 2004
logo
Rohm
2SD1782KT146R ROHM-2SD1782KT146R Datasheet
67Kb / 4P
Power Transistor (80V, 0.5A)
logo
Monolithic Power System...
MP4688 MPS-MP4688 Datasheet
477Kb / 11P
80V Input, 1A High Power LED Driver
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
Power Transistor (80V, 0.5A)
logo
Monolithic Power System...
MP46885 MPS-MP46885 Datasheet
233Kb / 10P
80V Input, 500mA High Power LED Driver
EV4688DN-00A MPS-EV4688DN-00A Datasheet
152Kb / 3P
80V Input 1A High Power LED Driver
logo
Shenzhen Huazhimei Semi...
HM9803 HMSEMI-HM9803 Datasheet
598Kb / 7P
80V 0.5A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com