Electronic Components Datasheet Search
  English  ▼

X  

IRGS4620DPbF Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRGS4620DPbF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRGS4620DPbF Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRGS4620DPbF Datasheet HTML 1Page - Infineon Technologies AG IRGS4620DPbF Datasheet HTML 2Page - Infineon Technologies AG IRGS4620DPbF Datasheet HTML 3Page - Infineon Technologies AG IRGS4620DPbF Datasheet HTML 4Page - Infineon Technologies AG IRGS4620DPbF Datasheet HTML 5Page - Infineon Technologies AG IRGS4620DPbF Datasheet HTML 6Page - Infineon Technologies AG IRGS4620DPbF Datasheet HTML 7Page - Infineon Technologies AG IRGS4620DPbF Datasheet HTML 8Page - Infineon Technologies AG IRGS4620DPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRGB/IB/P/SP4620D/EPbF
2
2015-11-23
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
32
A
IC @ TC = 100°C
Continuous Collector Current
20
ICM
Pulse Collector Current, VGE = 15V 
36
ILM
Clamped Inductive Load Current, VGE = 20V 
48
IF @ TC = 25°C
Diode Continuous Forward Current
16
IF @ TC = 100°C
Diode Continuous Forward Current
10
VGE
Continuous Gate-to-Emitter Voltage
±20
V
PD @ TC = 25°C
Maximum Power Dissipation
140
W
PD @ TC = 100°C
Maximum Power Dissipation
70
TJ
Operating Junction and
-40 to +175
C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 sec. (1.6mm from case)
300
Mounting Torque, 6-32 or M3 Screw (TO-220, TO-247)
10 lbf·in (1.1 N·m)
IFM
Diode Maximum Forward Current 
48
Transient Gate to Emitter Voltage
±30
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
Thermal Resistance Junction-to-Case (D2Pak, TO-220)
–––
–––
1.07
°C/W
RθCS
Thermal Resistance, Case-to-Sink (flat, greased surface-TO-220, D2Pak,
TO-220 Full-Pak )
–––
0.50
–––
RθJA
Thermal Resistance, Junction-to-Ambient (PCB Mount - D2Pak) 
–––
–––
40
Thermal Resistance Junction-to-Case (D2Pak, TO-220)
–––
–––
3.66
Thermal Resistance Junction-to-Case (TO-247)
–––
–––
1.12
Thermal Resistance Junction-to-Case (TO-247)
–––
–––
3.71
Thermal Resistance, Junction-to-Ambient (Socket Mount –TO-247)
–––
–––
40
Thermal Resistance, Junction-to-Ambient (Socket Mount –TO-220)
–––
–––
62
RθJC (IGBT) Thermal Resistance Junction-to-Case (TO-220 Full-Pak)
–––
–––
3.75
RθJC (Diode) Thermal Resistance Junction-to-Case (TO-220 Full-Pak)
–––
–––
6.22
Thermal Resistance Case-to-Sink (TO-247)
–––
0.24
–––
Thermal Resistance, Junction-to-Ambient (Socket Mount –TO-220 Full-Pak)
–––
–––
65
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
—
—
V
VGE = 0V, IC = 100µA 
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage
—
0.40
—
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.55
1.85
IC = 12A, VGE = 15V, TJ = 25°C
—
1.90
—
IC = 12A, VGE = 15V, TJ = 150°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 350µA
ΔVGE(th)/ΔTJ
Threshold Voltage Temp. Coefficient
—
-18
—
mV/°C VCE = VGE, IC = 1.0mA (25°C-175°C)
gfe
Forward Transconductance
—
7.7
—
S
VCE = 50V, IC = 12A, PW = 80µs
ICES
Collector-to-Emitter Leakage Current
—
2.0
—
µA
VGE = 0V, VCE = 600V
—
475
—
VGE = 0V, VCE = 600V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
VFM
Diode Forward Voltage Drop
—
2.1
3.1
V
IF = 12A
—
1.6
—
IF = 12A, TJ = 175°C
—
1.97
—
IC = 12A, VGE = 15V, TJ = 175°C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com