Electronic Components Datasheet Search
  English  ▼

X  

CP10944 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP10944
Description  ~30째 medium beam optimized for CREE MC-E RGB. Assembly with colour mixing sublens and holder.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP10944 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP10944 Datasheet HTML 1Page - Ledil, Inc. CP10944 Datasheet HTML 2Page - Ledil, Inc. CP10944 Datasheet HTML 3Page - Ledil, Inc. CP10944 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP10944_RGBX-M
RGBX-M
~30° medium beam optimized for CREE MC-E
RGB. Assembly with colour mixing sublens and
holder.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 30.4 mm
Height
28.8 mm
Fastening
glue
Colour
black
Box size
480 x 280 x 300 mm
Box weight
7.7 kg
Quantity in Box
486 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RGBX-M-SUB
Lens
PC
clear
RGBX-SS
Lens
PMMA
clear
RGBX-MC-HLD
Holder
PC
black
Last update: 08/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP10944

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP10944 CREE-CP10944 Datasheet
173Kb / 3P
RGBX series
More results

Similar Description - CP10944

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10676 LEDIL-FA10676 Datasheet
6Mb / 4P
~30째 medium beam optimized for CREE MC-E. Assembly with black holder.
FCA10305 LEDIL-FCA10305 Datasheet
1,001Kb / 4P
~30째 medium beam optimized for CREE XR-E. Assembly with grey holder.
CP10766 LEDIL-CP10766 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Ostar-SMT RGB. Assembly with colour mixing sublens and holder.
CP10767 LEDIL-CP10767 Datasheet
3Mb / 4P
~50째 25째 oval beam optimized for Osram Ostar-SMT RGB. Assembly with colour mixing sublens and holder.
CP10945 LEDIL-CP10945_18 Datasheet
2Mb / 4P
~50째 25째 oval beam optimized for CREE MC-E RGB. Assembly with colour mixing sublens and holder.
CP10961 LEDIL-CP10961 Datasheet
2Mb / 4P
~20째 smooth spot beam optimized for CREE MC-E. Assembly with colour mixing sublens and holder.
CP13938 LEDIL-CP13938_18 Datasheet
2Mb / 4P
~30째 medium beam optimized for CREE XM-L RGB. Assembly with colour mixing sublens and holder.
CP13939 LEDIL-CP13939_18 Datasheet
2Mb / 4P
~50째 24째 oval beam optimized for CREE XM-L RGB. Assembly with colour mixing sublens and holder.
CN13144 LEDIL-CN13144 Datasheet
2Mb / 5P
~30째 medium beam with holder optimized for CREE CXA1507
CA11017 LEDIL-CA11017 Datasheet
2Mb / 7P
~30째 medium beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com