Electronic Components Datasheet Search
  English  ▼

X  

FA11826 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11826
Description  ~70째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11826 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11826 Datasheet HTML 1Page - Ledil, Inc. FA11826 Datasheet HTML 2Page - Ledil, Inc. FA11826 Datasheet HTML 3Page - Ledil, Inc. FA11826 Datasheet HTML 4Page - Ledil, Inc. FA11826 Datasheet HTML 5Page - Ledil, Inc. FA11826 Datasheet HTML 6Page - Ledil, Inc. FA11826 Datasheet HTML 7Page - Ledil, Inc. FA11826 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
FA11826_TINA3-WWW
TINA3-WWW
~70° wide beam optimized for CREE XP-E.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
6.9 mm
Fastening
tape, pin
Colour
white
Box size
Box weight
3.9 kg
Quantity in Box
2016 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA3-WWW
Lens
PMMA
clear
TINA3-HLD-PIN-TAPE-XP
Holder
PC
white
TINA-TAPE3
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11826

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11826 CREE-FA11826 Datasheet
1Mb / 24P
Tina series
More results

Similar Description - FA11826

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12378 LEDIL-CA12378 Datasheet
4Mb / 8P
~45째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12379 LEDIL-CA12379_18 Datasheet
5Mb / 11P
~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10838 LEDIL-FA10838_18 Datasheet
2Mb / 5P
~50째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10887 LEDIL-FA10887_18 Datasheet
5Mb / 5P
~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11019 LEDIL-FA11019_18 Datasheet
2Mb / 5P
~60째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11824 LEDIL-FA11824_18 Datasheet
2Mb / 7P
~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11825 LEDIL-FA11825_18 Datasheet
2Mb / 6P
~55째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11902 LEDIL-FA11902_18 Datasheet
4Mb / 6P
~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11905 LEDIL-FA11905_18 Datasheet
3Mb / 7P
~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11904 LEDIL-FA11904 Datasheet
2Mb / 8P
~70째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com