Electronic Components Datasheet Search
  English  ▼

X  

LTC4303 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4303
Description  Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4303 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4303 Datasheet HTML 4Page - Linear Technology LTC4303 Datasheet HTML 5Page - Linear Technology LTC4303 Datasheet HTML 6Page - Linear Technology LTC4303 Datasheet HTML 7Page - Linear Technology LTC4303 Datasheet HTML 8Page - Linear Technology LTC4303 Datasheet HTML 9Page - Linear Technology LTC4303 Datasheet HTML 10Page - Linear Technology LTC4303 Datasheet HTML 11Page - Linear Technology LTC4303 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4312
8
4312f
OPERATION
The Block Diagram shows the major functional blocks of the
LTC4312. The LTC4312 is a 1:2 multiplexer with capacitance
buffering for I2C signals. Capacitance buffering is achieved
by use of back to back buffers on the clock and data chan-
nels which isolate the SDAIN and SCLIN capacitances from
the SDAOUT and SCLOUT capacitances respectively. All
SDA and SCL pins are fully bidirectional. The high noise
margin allows the LTC4312 to operate with I2C devices
that drive a non-compliant high VOL. Multiplexing is done
using N-channel MOSFETs that are controlled by dedicated
ENABLE pins. When enabled, rise time accelerator pull-up
currents IRTA turn on during rising edges to reduce sys-
tem rise time. In a typical application the input side bus
is pulled up to VCC and the output side busses are pulled
up to VCC2 although these are not requirements. VCC is
the primary power supply to the LTC4312. VCC and VCC2
serve as the input and output side rise time accelerator
supplies respectively. Grounding VCC2 disables the output
side accelerators. The multiplexer N-channel MOSFET
gates of the enabled channels are driven to VCC2 if VCC2
is > 1.8V, otherwise they are driven to VCC.
When the LTC4312 first receives power on its VCC pin, it
starts out in an undervoltage lockout mode (UVLO) until
110μs after VCC exceeds 2.3V. During this time, the buffers
and rise time accelerators are disabled, the multiplexer
gates are off and the LTC4312 ignores transitions on the
clock and data pins independent of the state of the ENABLE
pins. VCC2 transitions from a high to a low or vice-versa
across a 1.8V threshold also cause the LTC4312 to dis-
able the buffers, rise time accelerators and transmission
gates and to ignore the clock and data pins until 110μs
after that transition. Assuming that the LTC4312 is not in
UVLO mode, when one or both ENABLEs are asserted,
the LTC4312 activates the connection circuitry between
the SDAIN/SCLIN inputs and selected output channels.
The input rise time accelerators and the output rise time
accelerators of the selected channels are also enabled at
this time. When a SDA/SCL input pin or output pin on an
enabled output channel is driven below the VIL,FALLING
level of 0.33 • VMIN, the buffers are turned on and the
logic low level is propagated though the LTC4312 to
the other side. For VCC2 > 1.8V, VMIN is the lower of the
VCC and VCC2 voltages. For VCC2 < 1.8V, VMIN is the VCC
voltage. The LTC4312 is designed to sink a minimum
total bus current IOL of 4mA while holding a VOL of 0.4V.
If multiple output channels are enabled, the bus current of
all enabled channels needs to be summed to get the total
bus current. See the Typical Performance Characteristics
curves for IOL as a function of temperature.
A high occurs when all devices on the input and output
sides release high. Once the bus voltages rise above the
VIL,RISING level, which is determined by the state of the ACC
pin, the buffers are turned off. The rise time accelerators
are turned on at a slightly higher voltage. The rise time
accelerators accelerate the rising edges of the SDA/SCL
inputs and selected outputs up to voltages of 0.9•VCC and
0.8•VCC2 respectively, provided that the busses on their
own are rising at a minimum rate of 0.2V/μs as determined
by the slew rate detectors. ACC is a 3-state input that con-
trols VIL,RISING, the rise time accelerator turn-on voltage
and the rise time accelerator pull-up strength.
The LTC4312 detects a bus stuck low (fault) condition
when both clock and data busses are not simultaneously
high at least once in 45ms. The voltage monitoring for a
stuck low condition is done on the common internal node
of the clock and data outputs. Hence a stuck low condition
is detected only if it occurs on an enabled output channel.
When a stuck bus occurs, the LTC4312 asserts the FAULT
flag. If DISCEN is tied high, the LTC4312 also disconnects
the input and output sides. After waiting at least 40μs, it
generates up to sixteen 5.5kHz clock pulses on the enabled
SCLOUT pins and a stop bit to attempt to free the stuck
bus. If the bus recovers high before 16 clocks are issued,
the LTC4312 ceases issuing clocks and generates a stop
bit. If DISCEN is tied low, a stuck bus event only causes
FAULTflagassertion.Disconnectionoftheinputandoutput
sides and clock generation do not occur. Once the stuck
bus recovers and the fault has been cleared, in order for a
connection to be established between the input and output
sides, both ENABLE pins need to be driven low followed
by the assertion high of the desired ENABLE pins. When
powering into a stuck low condition, the LTC4312 upon
exiting UVLO will connect the input and output sides for
45ms until a stuck bus timeout event is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com