Electronic Components Datasheet Search
  English  ▼

X  

LTC4304 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4304
Description  Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304 Datasheet(HTML) 3 Page - Linear Technology

  LTC4304 Datasheet HTML 1Page - Linear Technology LTC4304 Datasheet HTML 2Page - Linear Technology LTC4304 Datasheet HTML 3Page - Linear Technology LTC4304 Datasheet HTML 4Page - Linear Technology LTC4304 Datasheet HTML 5Page - Linear Technology LTC4304 Datasheet HTML 6Page - Linear Technology LTC4304 Datasheet HTML 7Page - Linear Technology LTC4304 Datasheet HTML 8Page - Linear Technology LTC4304 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4312
3
4312f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply/Start-Up
VCC
Input Supply Range
l
2.9
5.5
V
VDD, BUS
2-Wire Bus Supply Voltage
l
2.25
5.5
V
VCC2
Output Side Accelerator Supply
Range
l
2.25
5.5
V
ICC
Input Supply Current
One or Both VENABLE1-2 = VCC = VCC2 = 5.5V (Note 3) l
6.0
7.3
9
mA
ICC(DISABLED)
Input Supply Current
VENABLE1-2 = 0V; VCC = VCC2 = 5.5V (Note 3)
l
1.6
2.2
3.5
mA
ICC2
VCC2 Supply Current
One or Both VENABLE1-2 = VCC = VCC2 = 5.5V (Note 3) l
0.35
0.5
0.6
mA
tUVLO
UVLO Delay
l
60
110
200
μs
VTH_UVLO
UVLO Threshold
l
2.3
2.6
V
VCC_UVLO(HYST) UVLO Threshold Hysteresis
Voltage
200
mV
Buffers
VOS1(SAT)
Buffer Offset Voltage
IOL = 4mA, Driven VSDAIN,SCLIN = 50mV
l
130
220
280
mV
IOL = 500μA, Driven VSDAIN,SCLIN = 50mV
l
15
60
120
mV
VOS2(SAT)
Buffer Offset Voltage
IOL = 4mA, Driven VSDAOUT,SCLOUT = 50mV
l
90
190
260
mV
IOL = 500μA, Driven VSDAOUT,SCLOUT = 50mV
l
15
55
110
mV
VOS
Buffer Offset Voltage
IOL = 4mA, Driven VSDAIN,SCLIN = 200mV
l
50
130
195
mV
IOL = 500μA, Driven VSDAIN,SCLIN = 200mV
l
15
55
110
mV
VOS2
Buffer Offset Voltage
IOL = 4mA, Driven VSDAOUT,SCLOUT = 200mV
l
35
95
170
mV
IOL = 500μA, Driven VSDAOUT,SCLOUT = 200mV
l
15
50
100
mV
VIL,FALLING
Buffer Input Logic Low Voltage
SDA, SCL Pins (Notes 4, 5)
l 0.3•VMIN 0.33•VMIN 0.36•VMIN
V
VIL,RISING
Buffer Input Logic Low Voltage
SDA, SCL Pins; ACC Grounded
l
0.5
0.6
0.7
V
SDA, SCL Pins; ACC Open or High (Notes 4, 5)
l 0.3•VMIN 0.33•VMIN 0.36•VMIN
V
ILEAK
Input Leakage Current
SDA, SCL Pins; VCC, VCC2 = 0V, 5.5V
l
±10
μA
CIN
Input Capacitance
SDA, SCL Pins (Note 6)
<20
pF
Rise Time Accelerators
dV/dt (RTA)
Minimum Slew Rate Requirement SDA, SCL Pins; VCC = VCC2 = 5V
l
0.1
0.2
0.4
V/μs
VRTA(TH)
Rise Time Accelerator DC
Threshold Voltage
SDA, SCL Pins; VCC = VCC2 = 5V, ACC Grounded
l
0.7
0.8
0.9
V
ACC Open or High, VCC = VCC2 = 5V (Note 4)
l 0.36•VMIN 0.4•VMIN 0.44•VMIN
V
ΔVACC
Buffers Off to Accelerator On
Voltage
SDA, SCL Pins; VCC = VCC2 = 5V, ACC Grounded
l
100
200
mV
ACC Open, VCC = VCC2 = 5V (Note 4)
l 0.05•VMIN 0.07•VMIN
mV
IRTA
Rise Time Accelerator Pull-Up
Current
SDA, SCL Pins; VCC = VCC2 = 5V, ACC Grounded
(Note 7)
l
20
35
45
mA
ACC Open, VCC = VCC2 = 5V (Note 7)
l
1.5
3
4
mA
Enable/Control
VDISCEN(TH)
DISCEN Threshold Voltage
l
0.8
1.4
2
V
ΔVDISCEN(HYST) DISCEN Hysteresis Voltage
20
mV
VEN(TH)
ENABLE1-2 Threshold Voltage
l
0.8
1.4
2
V
ΔVEN(HYST)
ENABLE1-2 Hysteresis Voltage
20
mV
tLH_EN
ENABLE1-2 High to Buffer Active
0.56
1
μs
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VCC2 = 3.3V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com