Electronic Components Datasheet Search
  English  ▼

X  

LTC4307 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4307
Description  Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4307 Datasheet HTML 3Page - Linear Technology LTC4307 Datasheet HTML 4Page - Linear Technology LTC4307 Datasheet HTML 5Page - Linear Technology LTC4307 Datasheet HTML 6Page - Linear Technology LTC4307 Datasheet HTML 7Page - Linear Technology LTC4307 Datasheet HTML 8Page - Linear Technology LTC4307 Datasheet HTML 9Page - Linear Technology LTC4307 Datasheet HTML 10Page - Linear Technology LTC4307 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4312
7
4312f
BLOCK DIAGRAM
IBOOST_SCL/IBOOST_SDA
4314 BD
VIL
VCC
IRTA
UVLO
110μs
TIMER
45ms
TIMER
LOGIC
SCLIN
SDAIN
DISCEN
GND
VCC
ENABLE1
ENABLE2
ACC
VCC
IRTA
VCC2
SCLOUT1
SDAOUT1
SDAOUT2
FAULT
SCLOUT2
+
–
VIL
VIL
+
–
CIN
DIN
CO1
CO2
DO1
DO2
VCC2
IRTA
VCC2
IRTA
VCC2
IRTA
VCC2
IRTA
EN1
EN2
MUX
+
–
VIL
+
–
CONNECT
SLEW RATE
DETECTOR
0.2V/μs
SLEW RATE
DETECTOR
0.2V/μs
SLEW RATE
DETECTOR
0.2V/μs
SLEW RATE
DETECTOR
0.2V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com