Electronic Components Datasheet Search
  English  ▼

X  

LTC4314 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4314
Description  Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4314 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4314 Datasheet HTML 9Page - Linear Technology LTC4314 Datasheet HTML 10Page - Linear Technology LTC4314 Datasheet HTML 11Page - Linear Technology LTC4314 Datasheet HTML 12Page - Linear Technology LTC4314 Datasheet HTML 13Page - Linear Technology LTC4314 Datasheet HTML 14Page - Linear Technology LTC4314 Datasheet HTML 15Page - Linear Technology LTC4314 Datasheet HTML 16Page - Linear Technology LTC4314 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC4314
13
4314f
APPLICATIONS INFORMATION
Figure 6. Paralleling LTC4314 Devices to Realize an 1:8 Multiplexer
LTC4314
GND
VCC
VCC2
4314 F06
SCLOUT1
SDAOUT1
SCLOUT4
SDAOUT4
SCLOUT1
SDAOUT1
SCLOUT4
SDAOUT4
SCLIN
SDAIN
ENABLE1
ENABLE2
ENABLE3
ENABLE4
ACC
DISCEN
FAULT
ENABLE1
ENABLE2
ENABLE3
ENABLE4
3.3V
R2
10k
R1
10k
C1
0.01μF
C2
0.01μF
3.3V
3.3V
R5
10k
R4
10k
5V
R7
10k
R6
10k
I2C
DEVICE
LTC4314
GND
VCC
VCC2
SCLOUT1
SDAOUT1
SCLOUT4
SDAOUT4
SCLOUT5
SDAOUT5
SCLOUT8
SDAOUT8
SCLIN
SDAIN
ENABLE1
ENABLE2
ENABLE3
ENABLE4
ACC
DISCEN
FAULT
ENABLE5
ENABLE6
ENABLE7
ENABLE8
C3
0.01μF
C4
0.01μF
3.3V
3.3V
R10
10k
R9
10k
5V
R12
10k
R11
10k
R8
10k
3.3V
R3
10k
Paralleling LTC4314 Devices
The LTC4314s can be paralleled to perform higher order
multiplexing. Figure 6 shows a 1:8 multiplexer with two
LTC4314s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com