Electronic Components Datasheet Search
  English  ▼

X  

LTC4303 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4303
Description  Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4303 Datasheet(HTML) 4 Page - Linear Technology

  LTC4303 Datasheet HTML 1Page - Linear Technology LTC4303 Datasheet HTML 2Page - Linear Technology LTC4303 Datasheet HTML 3Page - Linear Technology LTC4303 Datasheet HTML 4Page - Linear Technology LTC4303 Datasheet HTML 5Page - Linear Technology LTC4303 Datasheet HTML 6Page - Linear Technology LTC4303 Datasheet HTML 7Page - Linear Technology LTC4303 Datasheet HTML 8Page - Linear Technology LTC4303 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4314
4
4314f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VCC2 = 3.3V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tLH_EN
ENABLE1-4 High to Buffer Active
l
0.56
1
μs
ILEAK
Input Leakage Current
DISCEN = ENABLE1–4 Pins = 5.5V
l
0.1
±10
μA
IACC(IN, HL)
ACC High, Low Input Current
VCC = 5V, VACC = 5V, 0V
l
±23
±40
μA
IACC(IN, Z)
Allowable Leakage Current in
Open State
VCC = 5V
l
±5
μA
IACC(EN, Z)
ACC High Z Input Current
VCC = 5V
l
±5
μA
VACC(L, TH)
ACC Input Low Threshold Voltages
VCC = 5V
l
0.2•VCC
0.3•VCC
0.4•VCC
V
VACC(H,TH)
ACC Input High Threshold Voltages
VCC = 5V
l
0.7•VCC
0.8•VCC
0.9•VCC
V
Stuck Low Timeout Circuitry
tTIMEOUT
Bus Stuck Low Timer
SDAOUT or SCLOUT < 0.3•VCC
l
35
45
55
ms
VFAULT(OL)
FAULT Output Low Voltage
IFAULT = 3mA
l
0.4
V
IFAULT(OH)
FAULT Leakage Current
l
0.1
±5
μA
I2C Interface Timing
fSCL(MAX)
I2C Frequency Max
(Note 6)
l
400
kHz
tPDHL
SCL, SDA Fall Delay
VCC = 3V to 5.5V, CBUS = 50pF, IBUS = 1mA (Note 6)
60
100
ns
tf
SCL, SDA Fall Times
VCC = 3V to 5.5V, CBUS = 50pF, IBUS = 1mA (Note 6)
10
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive and all voltages are referenced to
GND unless otherwise indicated.
Note 3: SDAIN, SCLIN pulled low.
Note 4: VMIN = minimum of VCC and VCC2 if VCC2 > 2.25V else VMIN = VCC.
Note 5: VIL is tested for the following (VCC, VCC2) combinations:
(2.9V, 5.5V), (5.5V, 2.25V), (3.3V, 3.3V) and (5V, 0V).
Note 6: Guaranteed by design and not tested.
Note 7: Measured in a special DC mode with VSDA,SCL = VRTA(TH) + 1V.
The transient IRTA seen during rising edges when ACC is low will depend
on the bus loading condition and the slew rate of the bus. The LTC4314’s
internal slew rate control circuitry limits the maximum bus rise rate to
75V/μs by controlling the transient IRTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com