Electronic Components Datasheet Search
  English  ▼

X  

LTC6261 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6261
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6261 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6261 Datasheet HTML 10Page - Linear Technology LTC6261 Datasheet HTML 11Page - Linear Technology LTC6261 Datasheet HTML 12Page - Linear Technology LTC6261 Datasheet HTML 13Page - Linear Technology LTC6261 Datasheet HTML 14Page - Linear Technology LTC6261 Datasheet HTML 15Page - Linear Technology LTC6261 Datasheet HTML 16Page - Linear Technology LTC6261 Datasheet HTML 17Page - Linear Technology LTC6261 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LTC6261/LTC6262/LTC6263
14
626123fa
For more information www.linear.com/LTC6261
typicAl ApplicAtions
DRIVING A SAR
The circuit next uses a traditional noninverting gain con-
figuration to map a ground referenced input voltage signal
to the full scale of a 500kS/s, 12 bit LTC2362 ADC. This
application takes advantage of the LTC6261 family’s com-
bination of excellent common mode rejection, bandwidth,
supply current, and noise to enable high performance ADC
at low dissipation. The high bandwidth and open loop gain
combinetoprovidegooddistortionperformancegiventhe
low supply current usage. The capacitor CF1 can be used
as needed to improve phase margin if there is any peak-
ing in the closed loop response due to total capacitance
seen at the input terminals of the op amp as mounted on
a PCB. The resistors should be chosen to minimize add-
ing excessive noise while at the same time minimizing
total current consumption and avoiding distortion due to
overloading the amplifier. The choice of resistor, then, will
be commensurate with the input noise voltage and noise
current of the LTC6261. Use of an output filter is critical
in reducing noise and spurious high frequency content
that might alias.
LTC6261
3.3V
U1
IN
OUT
626123 TA03
RF1
1.74k
RF2
2.74k
CF1
10pF
RFILT
100
CFILT
10nF
3.3V
LTC2362
GND
CS
SDO
SCK
OVDD
AIN
VDD
VREF
SAR ADC Driver
LTC6261 Driving LTC2362 ADC
LTC6261 Driving LTC2362 ADC
Current consumption of the op amp circuit is 560µA at
3.3V supply with the output centered at 1.65V. Increasing
the resistors with the same scaling factor will lower the
total consumption at the expense of more resistor noise.
VIN = –1dBFS, 5kHz
fS = 500kSps
SNR = 71.5dB
THD = –83.6dB
SFDR = 86dB
FREQUENCY (kHz)
0
25
50
75
100
125
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
626123 TA04a
626123 TA04
VIN = –1dBFS, 5kHz
fS = 250kSps
SNR = 72dB
THD = –83.6dB
SFDR = 86dB
FREQUENCY (kHz)
0
10
20
30
40
50
60
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Resultsareshownwitha12bitLTC2362SARADCrunning
at both 500k Samples and 250k Samples. In both cases,
the ENOB is about 11.5.
ACTIVE FILTERS
Second Order Bessel Filter
Ample bandwidth and low supply current allows deploy-
ment of active filters in portable and other low power
applications. The second order Bessel filter provides a
traditionally clean transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com