Electronic Components Datasheet Search
  English  ▼

X  

LTC4306 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4306
Description  Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306 Datasheet(HTML) 1 Page - Linear Technology

  LTC4306 Datasheet HTML 1Page - Linear Technology LTC4306 Datasheet HTML 2Page - Linear Technology LTC4306 Datasheet HTML 3Page - Linear Technology LTC4306 Datasheet HTML 4Page - Linear Technology LTC4306 Datasheet HTML 5Page - Linear Technology LTC4306 Datasheet HTML 6Page - Linear Technology LTC4306 Datasheet HTML 7Page - Linear Technology LTC4306 Datasheet HTML 8Page - Linear Technology LTC4306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4314
1
4314f
TYPICAL APPLICATION
DESCRIPTION
Pin-Selectable, 4-Channel,
2-Wire Multiplexer
with Bus Buffers
The LTC®4314 is a hot-swappable 4-channel 2-wire bus
multiplexer that allows one upstream bus to connect to
any combination of downstream busses or channels.
An individual enable pin controls each connection. The
LTC4314 provides bidirectional buffering, keeping the up-
stream bus capacitance isolated from the downstream bus
capacitances. The high noise margin allows the LTC4314
to be interoperable with I2C devices that drive a high VOL
(> 0.4V). The LTC4314 supports level translation between
1.5V, 1.8V, 2.5V, 3.3V and 5V busses. The hot-swappable
nature of the LTC4314 allows I/O card insertion into, and
removal from, a live backplane without corruption of the
data and clock busses.
If both data and clock are not simultaneously high at
least once in 45ms and DISCEN is high, a FAULT signal is
generated indicating a stuck bus low condition, the input
is disconnected from all enabled output channels, and up
to 16 clocks are generated on the enabled downstream
busses. A three state ACC pin enables input and output
side rise time accelerators of varying strengths and sets
the VIL,RISING voltage.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and Hot Swap
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 6356140, 6650174, 7032051, 7478286.
FEATURES
APPLICATIONS
n 1:4 Multiplexer/Switch for 2-Wire Bus
n Bidirectional Buffer for SDA and SCL Lines
n High Noise Margin with VIL = 0.3•VCC
n ENABLE Pins Connect SDA and SCL Lines
n Selectable Rise Time Accelerator Current and
Activation Voltage
n Level Shift 1.5V, 1.8V, 2.5V, 3.3V and 5V Busses
n Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
n Stuck Bus Disconnect and Recovery
n Compatible with I2C, I2C Fast Mode and SMBus
n ±4kV Human Body Model (HBM) ESD Ruggedness
n 20-Lead SSOP and 3mm × 4mm QFN Packages
n Telecommunications Systems Including ATCA
n Address Expansion
n Level Translator
n Capacitance Buffers/Bus Extender
n Live Board Insertion
n PMBus
Rising Edge from Asserted Low
with Level Translation
LTC4314
GND
VCC
VCC2
4314 TA01a
SCLOUT1
SDAOUT1
SCLOUT4
SDAOUT4
SCLOUT1
SDAOUT1
SCLOUT4
SDAOUT4
SCLIN
SDAIN
ENABLE1
ENABLE2
ENABLE3
ENABLE4
ACC
DISCEN
FAULT
SCLIN
SDAIN
ENABLE1
ENABLE2
ENABLE3
ENABLE4
3.3V
10k
FAULT
10k
10k
0.01μF
3.3V
3.3V
10k
10k
5V
10k
10k
0.01μF
200ns/DIV
4314 TA01b
CSCLOUT1 + CSCLOUT4 = 100pF
CSCLIN = 50pF
SCLOUT4
SCLOUT1
SCLIN
0V
6V
5V
3.3V


Similar Part No. - LTC4306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4306 LINER-LTC4306 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
LTC4306 LINER-LTC4306 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4302-1 LINER-LTC4302-1 Datasheet
293Kb / 20P
Addressable 2-Wire Bus Buffers
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306 Datasheet
268Kb / 20P
4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
Addressable 2-Wire Bus Buffers
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4306 LINER-LTC4306_15 Datasheet
273Kb / 20P
4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4312 LINER-LTC4312_15 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4312 LINER-LTC4312 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com