Electronic Components Datasheet Search
  English  ▼

X  

LTC4306 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4306
Description  2-Wire Bus Buffers with High Noise Margin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306 Datasheet(HTML) 5 Page - Linear Technology

  LTC4306 Datasheet HTML 1Page - Linear Technology LTC4306 Datasheet HTML 2Page - Linear Technology LTC4306 Datasheet HTML 3Page - Linear Technology LTC4306 Datasheet HTML 4Page - Linear Technology LTC4306 Datasheet HTML 5Page - Linear Technology LTC4306 Datasheet HTML 6Page - Linear Technology LTC4306 Datasheet HTML 7Page - Linear Technology LTC4306 Datasheet HTML 8Page - Linear Technology LTC4306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4313-1/LTC4313-2/
LTC4313-3
5
4313123f
pin FuncTions
ENABLE (Pin 1): Connection Enable Input. When driven
low, the ENABLE pin isolates SDAIN and SCLIN from
SDAOUT and SCLOUT, asserts READY low, disables
rise time accelerators and inhibits automatic clock and
stop bit generation during a stuck low fault condition.
When driven high, the ENABLE pin connects SDAIN and
SCLIN to SDAOUT and SCLOUT after a stop bit or bus idle
has been detected on both busses. Driving ENABLE high
also enables automatic clock generation during a stuck
low fault condition. During a stuck low fault condition, a
risingedgeontheENABLEpinforcesaconnectionbetween
SDAIN and SDAOUT and SCLIN and SCLOUT. When using
the LTC4313 in a Hot Swap™ application with staggered
connector pins, connect a 10k resistor between ENABLE
and GND to ensure correct functionality. Connect to VCC
if unused.
SCLOUT (Pin 2): Serial Bus 2 Clock Input/Output. Connect
this pin to the SCL bus segment where stuck low recovery
is desired. Connect an external pull-up resistor or current
sourcebetweenthispinandthebussupply.Thebussupply
needs to be ≥ VCC for the LTC4313-1 and LTC4313-2, but
not for the LTC4313-3. Refer to the Applications Informa-
tion section for more details. Do not leave open.
SCLIN (Pin 3): Serial Bus 1 Clock Input/Output. Connect
this pin to the SCL line on the upstream bus. Connect
an external pull-up resistor or current source between
this pin and the bus supply. The bus supply needs to be
≥ VCC for the LTC4313-1 and LTC4313-2, but not for the
LTC4313-3. Refer to the Applications Information section
for more details. Do not leave open.
GND (Pin 4): Device Ground.
READY (Pin 5): Connection Ready Status Output. This
open drain N-channel MOSFET output pulls low when
the input and output sides are disconnected. READY is
pulled high when ENABLE is high and a connection has
been established between the input and output. Connect
a pull-up resistor, typically 10k from this pin to the bus
pull-up supply. Leave open or tie to GND if unused.
SDAIN (Pin 6): Serial Bus 1 Data Input/Output. Connect
this pin to the SDA line on the upstream bus. Connect an
externalpull-upresistororcurrentsourcebetweenthispin
and the bus supply. The bus supply needs to be ≥ VCC for
the LTC4313-1 and LTC4313-2, but not for the LTC4313-3.
Refer to the Applications Information section for more
details. Do not leave open.
SDAOUT (Pin 7): Serial Bus 2 Data Input/Output. Connect
this pin to the SDA bus segment where stuck low recovery
is desired. Connect an external pull-up resistor or current
sourcebetweenthispinandthebussupply.Thebussupply
needs to be ≥ VCC for the LTC4313-1 and LTC4313-2, but
not for the LTC4313-3. Refer to the Applications Informa-
tion section for more details. Do not leave open.
VCC (Pin 8): Power Supply Voltage. Power this pin from
a supply between 2.9V and 5.5V. Bypass with at least
0.01µF to GND.
Exposed Pad (Pin 9, DD8 Package Only): Exposed pad
may be left open or connected to device GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com