Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1806
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1806 Datasheet HTML 10Page - Linear Technology LT1806 Datasheet HTML 11Page - Linear Technology LT1806 Datasheet HTML 12Page - Linear Technology LT1806 Datasheet HTML 13Page - Linear Technology LT1806 Datasheet HTML 14Page - Linear Technology LT1806 Datasheet HTML 15Page - Linear Technology LT1806 Datasheet HTML 16Page - Linear Technology LT1806 Datasheet HTML 17Page - Linear Technology LT1806 Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC6253-7
14
62537f
For more information www.linear.com/LTC6253-7
APPLICATIONS INFORMATION
Figure 2. 0.7pF Feedback Cancels Parasitic Pole
Feedback Components
When feedback resistors are used to set up gain, care
must be taken to ensure that the pole formed by the
feedback resistors and the parasitic capacitance at the
inverting input does not degrade stability. For example
if the amplifier is set up in a gain of +11 configuration
with a gain resistor of 1k and a feedback resistor of 10k,
a parasitic capacitance of 7pF (device + PC board) at the
amplifier’s inverting input will cause the part to oscillate,
due to a pole formed at 25MHz. An additional capacitor of
0.7pF across the feedback resistor as shown in Figure 2
will eliminate any ringing or oscillation. In general, if
the resistive feedback network results in a pole whose
frequency lies within the closed loop bandwidth of the
amplifier, a capacitor can be added in parallel with the
feedback resistor to introduce a zero whose frequency
is close to the frequency of the pole, improving stability.
62537 F02
CPAR
1k
VOUT
VIN
10k
0.7pF
Power Dissipation
The LTC6253-7 is housed in a small 10-lead MS package
and typically has a thermal resistance (
qJA) of 160°C/ W. It
is necessary to ensure that the die’s junction temperature
does not exceed 150°C. The junction temperature, TJ, is
calculated from the ambient temperature, TA, power dis-
sipation, PD, and thermal resistance,
qJA:
TJ = TA + (PD • qJA)
The power dissipation in the IC is a function of the supply
voltage, output voltage and load resistance. For a given
supply voltage with output connected to ground or supply,
the worst-case power dissipation PD(MAX) occurs when
the supply current is maximum and the output voltage at
half of either supply voltage for a given load resistance.
PD(MAX) is approximately (since IS actually changes with
output load current) given by:
PD(MAX) =(VS •IS(MAX))+
VS
2


2
/ RL
Example: For an LTC6253-7 operating on ±2.5V supplies
and driving a 100Ω load to ground, the worst-case power
dissipation is approximately given by
PD(MAX)/Amp = (5 • 4.8mA) + (1.25)2/100 = 39.6mW
If both amplifiers are loaded simultaneously then the total
power dissipation is 79.2mW.
AttheAbsoluteMaximumambientoperatingtemperature,
the junction temperature under these conditions will be:
TJ = TA + PD • 160°C/W
= 125 + (0.079W • 160°C/W) = 137°C
which is less than the absolute maximum junction tem-
perature for the LTC6253-7 (150°C).
Shutdown
The LTC6253-7 has SHDN pins that can shut down the
amplifier to 42µA typical supply current. The SHDN pin
needs to be taken within 0.8V of the negative supply for
the amplifier to shut down. When left floating, the SHDN
pin is internally pulled up to the positive supply and the
amplifier remains on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com