Electronic Components Datasheet Search
  English  ▼

X  

LT1711 Datasheet(PDF) 29 Page - Linear Technology

Part # LT1711
Description  280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1711 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT1711 Datasheet HTML 22Page - Linear Technology LT1711 Datasheet HTML 23Page - Linear Technology LT1711 Datasheet HTML 24Page - Linear Technology LT1711 Datasheet HTML 25Page - Linear Technology LT1711 Datasheet HTML 26Page - Linear Technology LT1711 Datasheet HTML 27Page - Linear Technology LT1711 Datasheet HTML 28Page - Linear Technology LT1711 Datasheet HTML 29Page - Linear Technology LT1711 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
29
6752fc
For more information www.linear.com/LTC6752
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
A
01/15
Addition of LTC6752-1 and LTC6752-4 options.
SC6 Package added.
Fast Event Capture added to Typical Applications.
All
2
24
B
06/15
Test condition for CMRR_LVCM updated: VCM = VEE – 0.2V to VCC – 1.5V
Electrical Characteristics section updated to show that VLE/HYST, RHYST, IIH_LE, IIL_LE specifications apply over the
specified temperature range.
Figure 1 updated to show hysteresis symbol.
The latched output disable description and Figure 7 corrected to show the latch to output delay (tPL) instead of latch
propagation delay (tPDL).
3, 6, 8
5, 7, 9
16
20
C
04/17
Addition of extended temperature range under Features
Addition of MP, extended temperature part
Addition of extended temperature range on Note 5
Updated web links
1
2, 3
9
25 to 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com