Electronic Components Datasheet Search
  English  ▼

X  

LTC6263 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6263
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6263 Datasheet(HTML) 1 Page - Linear Technology

  LTC6263 Datasheet HTML 1Page - Linear Technology LTC6263 Datasheet HTML 2Page - Linear Technology LTC6263 Datasheet HTML 3Page - Linear Technology LTC6263 Datasheet HTML 4Page - Linear Technology LTC6263 Datasheet HTML 5Page - Linear Technology LTC6263 Datasheet HTML 6Page - Linear Technology LTC6263 Datasheet HTML 7Page - Linear Technology LTC6263 Datasheet HTML 8Page - Linear Technology LTC6263 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6258/LTC6259/LTC6260
6258960fa
1
For more information www.linear.com/LTC6258
APPLICATIONS
n
Micropower Active Filters
n
Portable Instrumentation
n
Battery or Solar Powered Systems
n
Automotive Electronics
n
Gain Bandwidth Product: 1.3MHz
n
Low Quiescent Current: 20µA
n
C-Load™ Op Amp Drives all Capacitive Loads
n
Offset Voltage: 400µV Maximum
n
Rail-to-Rail Input and Output
n
Supply Voltage Range: 1.8V to 5.25V
n
EMI Rejection Ratio: 45dB at 1GHz
n
Input Bias Current: 75nA Maximum
n
CMRR/PSRR: 95dB/90dB
n
Shutdown Current: 7µA Maximum
n
Operating Temperature Range: –40°C to 125°C
n
Single in 6-Lead TSOT-23, 2mm × 2mm DFN
Packages
n
Dual in 8-Lead MS8, MS10, TS0T-23, 2mm × 2mm
DFN Packages
n
Quad in MS16 Package
TYPICAL APPLICATION
DESCRIPTION
1.3MHz, 20µA Power
Efficient Rail-to-Rail I/O
Op Amps
The LTC®6258/LTC6259/LTC6260 are single/dual/quad
operational amplifiers with low noise, low power, low
supply voltage, and rail-to-rail inputs and outputs. They
are unity gain stable with or without capacitive loads. They
feature1.3MHzgain-bandwidthproduct,0.24V/µsslewrate
whileconsumingonly20µAofsupplycurrentperamplifier
operating on supply voltages ranging from 1.8V to 5.25V.
The combination of low supply current, low supply volt-
age, high gain bandwidth product and low noise makes
the LTC6258 family unique among rail-to-rail input/output
op amps with similar supply current. These operational
amplifiers are ideal for power efficient applications.
For applications that require power-down, the LTC6258
in 2mm × 2mm DFN and LTC6259 MS10 packages
respectively offer shutdown which reduces the current
consumption to 7µA maximum.
The LTC6258 family can be used as plug-in replacements
for many commercially available op amps to reduce power
and improve input/output range and performance.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
Over-The-Top and C-Load are trademarks of Analog Devices, Inc. All other trademarks are the
property of their respective owners.
Low Noise Reference
FEATURES
Reference Buffer Noise Density
–
+
5V
V+
OUT
LTC6258
6258960 TA01
22µF
22µF
RIN1
2.7k
22µF
IN
OUT
GND
LT6656
* 2.7K + 22µF FILTER
OP AMP, 44µF CLOAD
OP AMP
FILTERED REFERENCE
REFERENCE OUTPUT
INSTRUMENT ONLY
FREQUENCY (kHz)
0.01
0.1
1
10
100
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
6258960 TA01a


Similar Part No. - LTC6263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6263 LINER-LTC6263 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LTC6263 LINER-LTC6263 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
More results

Similar Description - LTC6263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255 Datasheet
489Kb / 24P
6.5MHz, 65關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Analog Devices
LTC6258 AD-LTC6258 Datasheet
1Mb / 28P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6432-15 AD-LTC6432-15 Datasheet
1Mb / 20P
1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
logo
Linear Technology
LTC6261 LINER-LTC6261 Datasheet
1Mb / 26P
30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com