Electronic Components Datasheet Search
  English  ▼

X  

LT1713 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1713
Description  280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1713 Datasheet HTML 7Page - Linear Technology LT1713 Datasheet HTML 8Page - Linear Technology LT1713 Datasheet HTML 9Page - Linear Technology LT1713 Datasheet HTML 10Page - Linear Technology LT1713 Datasheet HTML 11Page - Linear Technology LT1713 Datasheet HTML 12Page - Linear Technology LT1713 Datasheet HTML 13Page - Linear Technology LT1713 Datasheet HTML 14Page - Linear Technology LT1713 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC6752/LTC6752-1/
LTC6752-2/LTC6752-3/
LTC6752-4
11
6752fc
For more information www.linear.com/LTC6752
Typical perForMance characTerisTics Dc
Supply Current vs Temperature
(LTC6752/LTC6752-1/LTC6752-2/
LTC6752-4)
Supply Current vs Temperature
(LTC6752-3)
Output Short-Circuit Current vs
Temperature
Output Low Voltage vs Load
Current
Output High Voltage vs Sourcing
Current
Output High/Low Voltage vs
Temperature
VCC = VDD = 2.5V, CLOAD = 5pF,
VOVERDRIVE = 50mV, VCM = 300mV,TA = 25°C unless otherwise noted. VCC ≠ VDD conditions applicable only to the LTC6752-2/ LTC6752-3/
LTC6752-4.
80
60
20
–40
40
–20
–60
0
–80
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G10
125
5
85
–35
45
VCC = 5V, VDD = 1.8V
VCC = VDD = 2.5V
VCC = VDD = 3.3V
SOURCING
SINKING
5.0
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G14
125
5
85
–35
45
4.5
4.0
3.0
2.0
1.0
3.5
2.5
1.5
IVCC (LTC6752-2/LTC6752-4)
IVDD (LTC6752-2/LTC6752-4)
ITOTAL (LTC6752-2/LTC6752-4)
ICC (LTC6752/LTC6752-1)
7
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G15
125
5
85
–35
45
6
5
3
1
4
2
IVCC
IVDD
ITOTAL
SINKING CURRENT (mA)
0
4.5
4.0
3.0
2.0
1.0
3.5
2.5
1.5
0.5
0
20
40
10
30
6752 G11
45
15
35
5
25
VCC = 2.5V
VDD = 2.5V
VCC = 5V
VDD = 1.8V
VCC = 3.3V
VDD = 3.3V
MEASURED FROM VEE
SOURCING CURRENT (mA)
0
–4.5
–4.0
–3.0
–2.0
–1.0
–3.5
–2.5
–1.5
–0.5
0
20
70
60
50
40
10
30
6752 G12
80
VCC = 2.5V
VDD = 2.5V
VCC = 5V
VDD = 1.8V
VCC = 3.3V
VDD = 3.3V
300
TEMPERATURE (°C)
–55
25
105
–15
65
6752 G13
125
5
85
–35
45
250
200
100
0
150
50
VOH
VOL
SOURCE/SINK CURRENT = 8mA
MEASURED
FROM VDD
MEASURED
FROM VEE
Supply Current vs Supply Voltage
(LTC6752/LTC6752-1/LTC6752-2/
LTC6752-4)
Supply Current vs Supply Voltage
(LTC6752-3)
Supply Current vs Input Common
Mode Voltage (LTC6752/LTC6752-1/
LTC6752-2/LTC6752-4)
6
SUPPLY VOLTAGE (V)
2.45
3.35
2.75
6752 G16
3.65
3.05
5
3
0
1
4
2
VCC = VDD
IVCC (LTC6752-2/LTC6752-4)
IVDD (LTC6752-2/LTC6752-4)
ITOTAL (LTC6752-2/LTC6752-4)
ICC (LTC6752/LTC6752-1)
8
7
6
SUPPLY VOLTAGE (V)
2.45
3.35
2.75
6752 G17
3.65
3.05
5
3
0
1
4
2
IVCC
VCC = VDD
IVDD
ITOTAL
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.50
INPUT COMMON MODE VOLTAGE (V)
–0.2
1.9
0.5
6752 G18
2.6
1.2
4.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com