Electronic Components Datasheet Search
  English  ▼

X  

LT1499 Datasheet(PDF) 26 Page - Linear Technology

Part # LT1499
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT1499 Datasheet HTML 18Page - Linear Technology LT1499 Datasheet HTML 19Page - Linear Technology LT1499 Datasheet HTML 20Page - Linear Technology LT1499 Datasheet HTML 21Page - Linear Technology LT1499 Datasheet HTML 22Page - Linear Technology LT1499 Datasheet HTML 23Page - Linear Technology LT1499 Datasheet HTML 24Page - Linear Technology LT1499 Datasheet HTML 25Page - Linear Technology LT1499 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC6261/LTC6262/LTC6263
26
626123fa
For more information www.linear.com/LTC6261
LT 0717 REV A • PRINTED IN USA
www.linear.com/LTC6261
LINEAR TECHNOLOGY CORPORATION 2016
typicAl ApplicAtion
relAteD pArts
PART NUMBER
DESCRIPTION
COMMENTS
LTC6255/LTC6256/
LTC6257
6.5MHz, 65µA Power Efficient RR Op Amp
6.5MHz, 65µA, RR IN/OUT, 1.8V to 5.25V
LTC6246/LTC6247/
LTC6248
180MHz, 1mA, Power Efficient Rail-to-Rail Op Amps
180MHz GBW, 1mA, 500μV VOS, RR In/Out, 2.5V to 5.25V, 90V/µs
Slew Rate
LT1498/LT1499
10MHz, 6V/µs, Dual/Quad,Rail-to-Rail Input and Output,
Precision C-Load Op Amps
10MHz GBW, 1.7mA, 475μV VOS, RR In/Out, 2.2V to ±15V, 10nF CLOAD
LTC6081/LTC6082 Precision Dual/Quad CMOS Rail-to-Rail Input/Output
Amplifiers
3.6MHz GBW, 330μA, 70μV VOS, RR In/Out, 2.7V to 5.5V, 100dB CMRR
LTC2050/LTC2051/
LTC2052
Zero-Drift Operational Amplifiers in SOT-23
3MHz GBW, 800μA, 3μV VOS, V– to V+ – 1V In, RR Out, 2.7V to 6V, 130dB
CMRR/PSRR
LTC1050/LTC1051/
LTC1052
Precision Zero-Drift, Operational Amplifierwith Internal
Capacitors
2.5MHz GBW, 1mA, 5μV VOS, V– to V+ – 2.3V In, RR Out, 4.75V to 16V,
120dB CMRR, 125dB PSRR
LTC6084/LTC6085 Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
1.5MHz GBW, 110μA, 750μV VOS, RR In/Out, 2.5V to 5.5V
LT1783
1.25MHz, Over-The-Top® Micropower, Rail-to-Rail Input
and Output Op Amp in SOT-23
1.25MHz GBW, 300μA, 800μV VOS, RR In/Out, 2.5V to 18V
LT1637/LT1638/
LT1639
1.1MHz, 0.4V/μs Over-The-Top Micropower, Rail-to-Rail
Input and Output Op Amps
1.1MHz GBW, 250μA, 350μV VOS, RR In/Out, 2.7V to 44V, 110dB CMRR
LTC2054/LTC2055 Single/Dual Micropower Zero-Drift Operational Amplifiers 500kHz GBW, 150μA, 3μV VOS, V– to V+ – 0.5V In, RR Out, 2.7V to 6V
LT6010/LT6011/
LT6012
135μA, 14nV/√Hz, Rail-to-Rail Output Precision Op Amp
with Shutdown
330kHz GBW, 135μA, 35μV VOS, V– + 1.0V to V+ – 1.2V In, RR Out,
2.7V to 36V
LT1782
Micropower, Over-The-Top, SOT-23, Rail-to-Rail Input and
Output Op Amp
200kHz GBW, 55μA, 800μV VOS, RR In/Out, 2.5V to 18V
LT1636
Over-The-Top, Micropower Rail-to-Rail, Input and Output
Op Amp
200kHz GBW, 50μA, 225μV VOS, RR In/Out, 2.7V to 44V, –40°C to 125°C
LT1490A/LT1491A Dual/Quad Over-The-Top, Micropower Rail-to-Rail Input
and Output Op Amps
200kHz GBW, 50μA, 500μV VOS, RR In/Out, 2V to 44V
LT2178/LT2179
17μA Max, Dual and Quad, Single Supply, Precision
Op Amps
85kHz GBW, 17μA, 70μV VOS, RR In/Out, 5V to 44V
LT6000/LT6001/
LT6002
Single, Dual and Quad, 1.8V, 13μA Precision Rail-to-Rail
Op Amps
50kHz GBW, 16μA , 600μV VOS(MAX), RR In/Out, 1.8V to 18V
Bridge-Tied Differential Output Amplifier
LTC6261
U2
C2
R3
4.99k
C5
1nF
C3
100pF
C4
100pF
R8
4.99k
RSPEAKER
120
R6
4.7
R2
10k
R9
4.7
R1
10k
R7
15k
10µF
3V
VM
VINV1
VIN
VINV2
NOISE FILTER
GAIN STAGE, OUTPUT DRIVE
INVERSION STAGE, OUTPUT DRIVE
AC COUPLED INPUT
626123 TA06
LTC6261
U1
3V
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com