Electronic Components Datasheet Search
  English  ▼

X  

LT6230 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6230
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6230 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6230 Datasheet HTML 5Page - Linear Technology LT6230 Datasheet HTML 6Page - Linear Technology LT6230 Datasheet HTML 7Page - Linear Technology LT6230 Datasheet HTML 8Page - Linear Technology LT6230 Datasheet HTML 9Page - Linear Technology LT6230 Datasheet HTML 10Page - Linear Technology LT6230 Datasheet HTML 11Page - Linear Technology LT6230 Datasheet HTML 12Page - Linear Technology LT6230 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC6253-7
9
62537f
For more information www.linear.com/LTC6253-7
TYPICAL PERFORMANCE CHARACTERISTICS
Gain vs Frequency (AV = 7)
Open Loop Gain
Output Short-Circuit Current
vs Supply Voltage
Open Loop Gain
TOTAL SUPPLY VOLTAGE (±V)
1.25
160
120
80
40
0
–40
–80
–120
–160
1.75
1.5
62537 G24
2.5
2
2.25
TA = 125°C
TA = 125°C
TA = –55°C
TA = –55°C
TA = 25°C
TA = 25°C
SINK
SOURCE
PULSE TESTED
OUTPUT VOLTAGE (V)
RL = 100 TO MID SUPPLY
VS = 5V, 0V
TA = 25°C
RL = 1k TO GND
RL = 1k TO MID SUPPLY
RL = 100 TO GND
0
500
400
300
200
100
0
–100
–200
–300
–400
–500
2.5
3.5
62537 G25
5
4 4.5
2
1.5
1
0.5
3
OUTPUT VOLTAGE (V)
0
1600
1400
600
800
1000
1200
400
200
0
–200
–400
–600
2.5
62537 G26
2
1.5
1
0.5
RL = 1k TO MID SUPPLY
VS = 2.7V, 0V
TA = 25°C
RL = 1k TO GND
RL = 100 TO MID SUPPLY
RL = 100 TO GND
RF = 365Ω
RL =1k
VS = ±2.5 V
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
0
2
4
6
8
10
12
14
16
18
20
62537 G27
Open Loop Gain and Phase
vs Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
VS = ±1.35V
VS = ±1.35V
VS = ±2.5V
VS = ±2.5V
FREQUENCY (MHz)
3
10
100
400
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
62537 G29
GAIN
TA = 25°C
RL = 1k
PHASE
PHASE MARGIN
5.25
GAIN BANDWIDTH PRODUCT
PHASE MARGIN MEASURED AT
AN OPEN LOOP GAIN OF 7V/V
RL = 1k
SUPPLY VOLTAGE (V)
2.50
3
3.50
4
4.50
5
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
10
20
30
40
50
60
70
80
90
62537 G30
Gain Bandwidth and Phase
Margin vs Temperature
RL = 1kΩ
GBW, 5V SUPPLY
PHASE MARGIN, 5V SUPPLY
GBW, 2.7V SUPPLY
PHASE MARGIN, 2.7V SUPPLY
TEMPERATURE ( °C)
–55 –35 –15 5
25 45 65 85 105 125
1000
1150
1300
1450
1600
1750
1900
2050
2200
2350
2500
10
20
30
40
50
60
70
80
90
62537 G31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com