Electronic Components Datasheet Search
  English  ▼

X  

LT1637 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1637
Description  30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1637 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1637 Datasheet HTML 5Page - Linear Technology LT1637 Datasheet HTML 6Page - Linear Technology LT1637 Datasheet HTML 7Page - Linear Technology LT1637 Datasheet HTML 8Page - Linear Technology LT1637 Datasheet HTML 9Page - Linear Technology LT1637 Datasheet HTML 10Page - Linear Technology LT1637 Datasheet HTML 11Page - Linear Technology LT1637 Datasheet HTML 12Page - Linear Technology LT1637 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC6261/LTC6262/LTC6263
626123fa
9
For more information www.linear.com/LTC6261
typicAl perForMAnce chArActeristics
Total Harmonic Distortion
and Noise
Total Harmonic Distortion
and Noise
Gain and Phase vs Frequency
Noise Voltage Density
vs Frequency
Noise Voltage Density
vs Frequency
Input Referred Current Noise
vs Frequency
Slew Rate vs Supply Voltage
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
VS = ±2.5V
VCM = 0V
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
6261 G19
VS = ±2.5V
VCM = 0V
FREQUENCY (Hz)
100k
1M
10M
100M
0
10
20
30
40
50
60
70
80
90
100
626123 G20
VS = ±2.5V
VCM = 0V
FREQUENCY (Hz)
100k
1M
0.01
0.1
1
10
626123 G21
VS = ±0.9V
VCM = 0V
AV = 2
RG = RF = 10kΩ
500Hz
1kHz
5kHz
VOUTP–P (V)
0.01
0.1
1
10
0.001
0.01
0.1
1
626123 G22
VS = ±2.5V
VCM = 0
AV = 2
RF = RG = 10kΩ
1kHz
5kHz
VOUTP–P (V)
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
626123 G23
VS = ±2.5V
VCM=0V
GAIN
PHASE
FREQEUNCY (MHz)
0.01
0.1
1
10
100
–100
–50
0
50
100
150
–25
0
25
50
75
100
626123 G24
VSTEP = VS – 1V
RF = RG =10kΩ
AV = –1
RISING EDGE(V/µs)
FALLING EDGE(V/µs)
SUPPLY VOLTAGE VS (V)
1.8
2.6
3.4
4.2
5
0
3
6
9
12
15
18
626123 G25
VS = ±2.5V
VCM = 0V
FREQUENCY (MHz)
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
80
90
100
626123 G26
VS = ±2.5V
VCM = 0V
FREQUENCY (MHz)
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
80
90
100
626123 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com